Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 83 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 83 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 79Page - Integrated Device Technology STAC9752 Datasheet HTML 80Page - Integrated Device Technology STAC9752 Datasheet HTML 81Page - Integrated Device Technology STAC9752 Datasheet HTML 82Page - Integrated Device Technology STAC9752 Datasheet HTML 83Page - Integrated Device Technology STAC9752 Datasheet HTML 84Page - Integrated Device Technology STAC9752 Datasheet HTML 85Page - Integrated Device Technology STAC9752 Datasheet HTML 86Page - Integrated Device Technology STAC9752 Datasheet HTML 87Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
83
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
10.2. Secondary CODEC Register Access Definitions
The AC'97 Digital Controller can independently access Primary and Secondary CODEC registers by
using a 2-bit CODEC ID field (chip select) which is defined as the LSBs of Output Slot 0. For Sec-
ondary CODEC access, the AC'97 Digital Controller must invalidate the tag bits for Slot 1 and 2
Command Address and Data (Slot 0, bits 14 and 13) and place a non-zero value (01, 10, or 11) into
the CODEC ID field (Slot 0, bits 1 and 0).
As a Secondary CODEC, the STAC9752/9753 will disregard the Command Address and Command
Data (Slot 0, bits 14 and 13) tag bits when it sees a 2-bit CODEC ID value (Slot 0, bits 1 and 0) that
matches its configuration. In a sense the Secondary CODEC ID field functions as an alternative
Valid Command Address (for Secondary reads and writes) and Command Data (for Secondary
writes) tag indicator.
Secondary CODECs must monitor the Frame Valid bit, and ignore the frame (regardless of the state
of the Secondary CODEC ID bits) if it is not valid. AC'97 Digital Controllers should set the frame valid
bit for a frame with a secondary register access, even if no other bits in the output tag slot except the
Secondary CODEC ID bits are set.
This method is designed to be backward compatible with existing AC'97 controllers and CODECs.
There is no change to output Slot 1 or 2 definitions.
Using three CODECs typically requires a controller to support SDATA_IN2.
Table 29. Secondary CODEC Register Access Slot 0 Bit Definitions
Output Tag Slot (16-bits)
Bit
Description
15
Frame Valid
14
Slot 1 Valid Command Address bit (†Primary CODEC only)
13
Slot 2 Valid Command Data bit (†Primary CODEC only)
12-3
Slot 3-12 Valid bits as defined by AC'97
2
Reserved (Set to 0)
†1-0
2-bit CODEC ID field
(00 reserved for Primary; 01, 10, 11 indicate Secondary)
Note:
† New definitions for Secondary CODEC Register Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com