Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 84 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 84 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 80Page - Integrated Device Technology STAC9752 Datasheet HTML 81Page - Integrated Device Technology STAC9752 Datasheet HTML 82Page - Integrated Device Technology STAC9752 Datasheet HTML 83Page - Integrated Device Technology STAC9752 Datasheet HTML 84Page - Integrated Device Technology STAC9752 Datasheet HTML 85Page - Integrated Device Technology STAC9752 Datasheet HTML 86Page - Integrated Device Technology STAC9752 Datasheet HTML 87Page - Integrated Device Technology STAC9752 Datasheet HTML 88Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
84
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
11. TESTABILITY
The STAC9752/9753 has two test modes. One is for ATE in-circuit test and the other is restricted for
manufacturer’s internal use. The STAC9752/9753 enters the ATE in-circuit test mode if
SDATA_OUT is sampled high at the trailing edge of RESET#. Once in the ATE test mode, the digital
AC-Link outputs (BIT_CLK and SDATA_IN) are driven to a high impedance state. This allows ATE
in-circuit testing of the AC'97 controller. Use of the ATE test mode is the recommended means of
removing the CODEC from the AC-Link when another CODEC is to be used as the primary. This
case will never occur during standard operating conditions. Once either of the two test modes have
been entered, the STAC9752/9753 must be issued another RESET# with all AC-Link signals held
low to return to the normal operating mode.
11.0.1.
ATE Test Mode
ATE test mode allows for in-circuit testing to be completed at the board level. For this to work, the
outputs of the device must be driven to a high impedance state (Z). Internal pullups for digital I/O
pins must be disabled in this mode. This mode initiates on the rising edge of RESET# pin. Only a
cold reset will exit the ATE Test Mode.
Note: Pins 31, 33, and 34 are NO CONNECTS.
Table 30. Test Mode Activation
SYNC
SDATA_OUT
Description
0
0
Normal AC'97 operation
0
1
ATE Test Mode
1
0
IDT Internal Test Mode
1
1
Reserved
Table 31. ATE Test Mode Operation
Pin Name
Pin #
Function
Description
SDATA_OUT
5
1
Must be held high at the rising edge of RESET#
BIT_CLK
6
Z
SDATA_IN
8
Z
SYNC
10
0
Must be held low at rising edge of RESET#
RESET#
11
1
N.C.
31
Z
Always an input
N.C.
33
Z
Always an input
N.C.
34
Z
Always an input
GPIO0
43
Z
GPIO1
44
Z
CID0
45
Z
CID1
46
Z
EAPD
47
Z
SPDIF
48
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com