Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 37 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 33Page - Integrated Device Technology STAC9752 Datasheet HTML 34Page - Integrated Device Technology STAC9752 Datasheet HTML 35Page - Integrated Device Technology STAC9752 Datasheet HTML 36Page - Integrated Device Technology STAC9752 Datasheet HTML 37Page - Integrated Device Technology STAC9752 Datasheet HTML 38Page - Integrated Device Technology STAC9752 Datasheet HTML 39Page - Integrated Device Technology STAC9752 Datasheet HTML 40Page - Integrated Device Technology STAC9752 Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
37
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
5.4.1.
Slot 0: TAG
Within slot 0 the first bit is a global bit (SDATA_IN slot 0, bit 15) which flags whether the AC‘97
CODEC is in the “CODEC Ready” state or not. If the “CODEC Ready” bit is a 0, this indicates that
the AC‘97 CODEC is not ready for normal operation. This condition is normal following the deasser-
tion of power-on-reset for example, while the AC‘97 CODEC’s voltage references settle. When the
AC-Link “CODEC Ready” indicator bit is a 1, it indicates that the AC-Link and AC‘97 CODEC control
and status registers are in a fully operational state. The CODEC must assert “CODEC Ready” within
400
µs after it starts receiving valid SYNC pulses from the controller, to provide indication of connec-
tion to the link and Control/Status registers are available for access. The AC‘97 Controller and
related software must wait until all of the lower four bits of the Control/Status Register, 26h, are set
before attempting any register writes, or attempting to enable any audio stream, to avoid undesirable
audio artifacts.
Prior to any attempts at putting an AC‘97 CODEC into operation, the AC‘97 Controller should poll the
first bit in the AC-Link input frame (SDATA_IN slot 0, bit 15) for an indication that CODEC has gone
“CODEC Ready”. Once an AC‘97 CODEC is sampled “CODEC Ready”1, then the next 12 bit posi-
tions sampled by the AC‘97 Controller indicate which of the corresponding 12 time slots are
assigned to input data streams, and whether they contain valid data.
5.4.2.
Slot 1: Status Address Port / SLOTREQ signalling bits
5.4.2.1.
Status Address Port
The status port is used to monitor status for the STAC9752/9753 functions including, but not limited
to, mixer settings and power management. AC-Link input frame slot 1’s stream echoes the control
register index, for historical reference, for the data to be returned in slot 2 (assuming that slots 1 and
2 had been tagged “valid” by the AC‘97 CODEC during slot 0).
The first bit (MSB) generated by AC‘97 is always stuffed with a 0. The following 7 bit positions com-
municate the associated control register address, the next 10 bits support AC‘97’s variable sample
rate signaling protocol, and the trailing 2 bit positions are stuffed with 0 by AC‘97.
5.4.2.2.
SLOTREQ signaling bits
AC-Link input frame Slot #1, the Status Address Port, now delivers CODEC control register read
address and variable sample rate slot request flags for all output slots. Ten of the formerly reserved
least significant bits have been defined as data request flags for output slots 3-12.
1. There are several subsections within an AC‘97 CODEC that can independently go busy/ready. It is the responsibility
of the AC’97 Controller to probe more deeply into the AC‘97 CODEC’s register file to determine which subsections
are actually ready.
Table 9. Status Address Port Bit Assignments
Bit
Description
Comments
19
Reserved
Stuffed with 0
18:12
Control Register Index
Echo of register index for which data is being returned
11:2
SLOTREQ
See Next Section
1:0
Reserved
Stuffed with 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com