Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 92 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 92 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 87Page - Integrated Device Technology STAC9752 Datasheet HTML 88Page - Integrated Device Technology STAC9752 Datasheet HTML 89Page - Integrated Device Technology STAC9752 Datasheet HTML 90Page - Integrated Device Technology STAC9752 Datasheet HTML 91Page - Integrated Device Technology STAC9752 Datasheet HTML 92Page - Integrated Device Technology STAC9752 Datasheet HTML 93Page - Integrated Device Technology STAC9752 Datasheet HTML 94Page - Integrated Device Technology STAC9752 Datasheet HTML 95Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 92 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
92
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
16. APPENDIX A: PROGRAMMING REGISTERS
Reg #
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
Reset
RSRVD
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
6A90h
02h
Master Volume
Mute
RSRVD
ML5
ML4
ML3
ML2
ML1
ML0
RESERVED
MR5
MR4
MR3
MR2
MR1
MR0
8000h
04h
HP_OUT
Mixer Volume
Mute
RSRVD HPL5
HPL4
HPL3
HPL2
HPL1
HPL0
RESERVED
HPR5
HPR4
HPR3
HPR2
HPR1
HPR0
8000h
06h
Master Volume Mono
Mute
RESERVED
MM5
MM4
MM3
MM2
MM1
MM0
8000h
0Ah
PC_BEEP Volume
Mute
X
X
F7
F6
F5
F
F3
F2
F1
F0
PV3
PV2
PV1
PV0
RSRVD
0000h
0Ch
Phone volume
Mute
RESERVED
GN4
GN3
GN2
GN1
GN0
8008h
0Eh
Mic Volume
Mute
RESERVED
boosten
RSVD
GN4
GN3
GN2
GN1
GN0
8008h
10h
Line In Volume
Mute
RESERVED
GL4
GL3
GL2
GL1
GL0
RESERVED
GR4
GR3
GR2
GR1
GR0
8808h
12h
CD Volume
Mute
RESERVED
GL4
GL3
GL2
GL1
GL0
RESERVED
GR4
GR3
GR2
GR1
GR0
8808h
14h
Video Volume
Mute
RESERVED
GL4
GL3
GL2
GL1
GL0
RESERVED
GR4
GR3
GR2
GR1
GR0
8808h
16h
AUX Volume
Mute
RESERVED
GL4
GL3
GL2
GL1
GL0
RESERVED
GR4
GR3
GR2
GR1
GR0
8808h
18h
PCM Out Volume
Mute
RESERVED
GL4
GL3
GL2
GL1
GL0
RESERVED
GR4
GR3
GR2
GR1
GR0
8808h
1Ah
Record Select
RESERVED
SL2
SL1
SL0
RESERVED
SR2
SR1
SR0
0000h
1Ch
Record Gain
Mute
RESERVED
GL3
GL2
GL1
GL0
RESERVED
GR3
GR2
GR1
GR0
8000h
20h
General Purpose
POP
BYP
RSRVD
3D
RESERVED
MIX
MS
LPBK
RESERVED
0000h
22h
3D Control
RESERVED
DP3
DP2
RESERVED
0000h
24h
Audio Int. & Paging
I4
I3
I2
I1
I0
RESERVED
PG3
PG2
PG1
PG0
0000h
26h
Powerdown Ctrl/Stat
EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
RESERVED
REF
ANL
DAC
ADC
000Fh
28h
Extended Audio ID
ID1
ID0
RESERVED
REV1
REV0
AMAP
LDAC
SDAC
CDAC
DSA1
DSA0
RSVD
SPDIF
DRA
VRA
0A05h
2Ah
Extended Audio Control/Status
VCFG
PRL/
RSVD
PRK/
RSVD
PRJ/
RSVD
PRI/
RSVD
SPCV
MADC/
RSVD
LDAC/
RSVD
SDAC/
RSVD
CDAC/
RSVD
SPSA1 SPSA0
VRM/
RSVD
SPDIF
DRA/
RSVD
VRA
0400h*
2Ch
PCM DAC Rate
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
32h
PCM LR
ADC Rate
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
3Ah
SPDIF Control
V
DRS
SPSR1 SPSR2
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE
COPY
#PCM/
AUDIO
PRO
2000h
3Eh
Extended Modem Status
RESERVED
PRA
RESERVED
GPIO
0100h
4Ch
GPIO Pin Config
RESERVED
GC1
(GPIO1)
GC0
(GPIO0)
0300h
4Eh
GPIO Pin Polarity/Type
RESERVED
GP1
(GPIO1)
GP0
(GPIO0)
FFFFh
50h
GPIO Pin Sticky
RESERVED
GS1
(GPIO1)
GS0
(GPIO0)
0000h
52h
GPIO Pin Mask
RESERVED
GW1
(GPIO1)
GW0
(GPIO0)
0000h
54h
GPIO Pin Status
RESERVED
GI1
(GPIO1)
GI0
(GPIO0)
0000h
60h
Page
01h
CODEC Class/Rev
RESERVED
CL4
CL3
CL2
CL1
CL0
RV7
RV6
RV5
RV4
RV3
RV2
RV1
RV0
12xxh
62h
VENDOR RESERVED
62h
Page
01h
PCI SVID
PVI15
PVI14
PVI13
PVI12
PVI11
PVI10
PVI9
PVI8
PVI7
PVI6
PVI5
PVI4
PVI3
PVI2
PVI1
PVI0
FFFFh
64h
VENDOR RESERVED
64h
Page
01h
PCI SID
PI15
PI14
PI13
PI12
PI11
PI10
PI9
PI8
PI7
PI6
PI5
PI4
PI3
PI2
PI1
PI0
FFFFh
66h
VENDOR RESERVED
66h
Page
01h
Function Select
RESERVED
FC3
FC2
FC1
FC0
T/R
0000h
68h
VENDOR RESERVED
68h
Page
01h
Function Information
G4
G3
G2
G1
G0
INV
DL4
DL3
DL2
DL1
DL0
IV
RESERVED
FIP
xxxxh
6Ah
Digital Audio
Control
RESERVED
SPOR
DO1
RSVD
0000h
6Ah
Page
01h
Sense Details
ST2
ST1
ST0
S4
S3
S2
S1
S0
OR1
OR0
SR5
SR4
SR3
SR2
SR1
SR0
NA
6Ch
Revision Code
0
0
0
0
0
0
0
0
0
0
0
0
x
x
x
x
00xxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com