Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 66 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 66 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 62Page - Integrated Device Technology STAC9752 Datasheet HTML 63Page - Integrated Device Technology STAC9752 Datasheet HTML 64Page - Integrated Device Technology STAC9752 Datasheet HTML 65Page - Integrated Device Technology STAC9752 Datasheet HTML 66Page - Integrated Device Technology STAC9752 Datasheet HTML 67Page - Integrated Device Technology STAC9752 Datasheet HTML 68Page - Integrated Device Technology STAC9752 Datasheet HTML 69Page - Integrated Device Technology STAC9752 Datasheet HTML 70Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
66
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.2.5.
GPIO Pin Configuration Register (4Ch)
Default: 0003h
8.2.6.
GPIO Pin Polarity/Type Register (4Eh)
Default: FFFFh
8.2.7.
GPIO Pin Sticky Register (50h)
Default: 0000h
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GC1
(GPIO1)
GC0
(GPIO0)
Bit(s)
Access
Reset Value
Name
Description
15:2
Read Only
0
RESERVED
Bit not used, should read back 0
1
Read / Write
1
GC1
0 = GPIO1 configured as output
1 = GPIO1 configured as input
0
Read / Write
1
GC0
0 = GPIO0 configured as output
1 = GPIO0 configured as input
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GP1
(GPIO1)
GP0
(GPIO0)
Bit(s)
Access
Reset Value
Name
Description
15:2
Read Only
0
RESERVED
Bit not used, should read back 0
1
Read / Write
1
GP1
0 = GPIO1 Input Polarity Inverted, CMOS output drive.
1 = GPIO1 Input Polarity Non-inverted, Open-Drain output
drive.
0
Read / Write
1
GP0
0 = GPIO0 Input Polarity Inverted, CMOS output drive.
1 = GPIO0 Input Polarity Non-inverted, Open-Drain output
drive.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GS1
(GPIO1)
GS0
(GPIO0)
Bit(s)
Access
Reset Value
Name
Description
15:2
Read Only
0
RESERVED
Bit not used, should read back 0
1
Read / Write
0
GS1
0 = GPIO1 Non Sticky configuration.
1 = GPIO1 Sticky configuration.
0
Read / Write
0
GS0
0 = GPIO0 Non Sticky configuration.
1 = GPIO0 Sticky configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com