Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 119 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 119 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 115Page - Silicon Laboratories C8051F360 Datasheet HTML 116Page - Silicon Laboratories C8051F360 Datasheet HTML 117Page - Silicon Laboratories C8051F360 Datasheet HTML 118Page - Silicon Laboratories C8051F360 Datasheet HTML 119Page - Silicon Laboratories C8051F360 Datasheet HTML 120Page - Silicon Laboratories C8051F360 Datasheet HTML 121Page - Silicon Laboratories C8051F360 Datasheet HTML 122Page - Silicon Laboratories C8051F360 Datasheet HTML 123Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 288 page
background image
Rev. 1.0
119
C8051F360/1/2/3/4/5/6/7/8/9
11.3. Operating in Multiply and Accumulate Mode
MAC0 operates in Multiply and Accumulate (MAC) mode when the MAC0MS bit (MAC0CF.0) is cleared to
‘0’. When operating in MAC mode, MAC0 performs a 16-by-16 bit multiply on the contents of the MAC0A
and MAC0B registers, and adds the result to the contents of the 40-bit MAC0 accumulator. Figure 11.4
shows the MAC0 pipeline. There are three stages in the pipeline, each of which takes exactly one SYSCLK
cycle to complete. The MAC operation is initiated with a write to the MAC0BL register. After the MAC0BL
register is written, MAC0A and MAC0B are multiplied on the first SYSCLK cycle. During the second stage
of the MAC0 pipeline, the results of the multiplication are added to the current accumulator contents, and
the result of the addition is stored in the MAC0 accumulator. The status flags in the MAC0STA register are
set after the end of the second pipeline stage. During the second stage of the pipeline, the next multiplica-
tion can be initiated by writing to the MAC0BL register, if it is desired. The rounded (and optionally, satu-
rated) result is available in the MAC0RNDH and MAC0RNDL registers at the end of the third pipeline
stage. If the MAC0CA bit (MAC0CF.3) is set to ‘1’ when the MAC operation is initiated, the accumulator
and all MAC0STA flags will be cleared during the next cycle of the controller’s clock (SYSCLK). The
MAC0CA bit will clear itself to ‘0’ when the clear operation is complete.
Multiply
Add
Round
Multiply
Add
Round
Write
MAC0BL
Write
MAC0BL
MAC0 Operation
Begins
Next MAC0
Operation May
Be Initiated
Here
Accumulator
Results Available
Rounded Results
Available
Figure 11.4. MAC0 Pipeline
11.4. Operating in Multiply Only Mode
MAC0 operates in Multiply Only mode when the MAC0MS bit (MAC0CF.0) is set to ‘1’. Multiply Only mode
is identical to Multiply and Accumulate mode, except that the multiplication result is added with a value of
zero before being stored in the MAC0 accumulator (i.e. it overwrites the current accumulator contents).
The result of the multiplication is available in the MAC0 accumulator registers at the end of the second
MAC0 pipeline stage (two SYSCLKs after writing to MAC0BL). As in MAC mode, the rounded result is
available in the MAC0 Rounding Registers after the third pipeline stage. Note that in Multiply Only mode,
the MAC0HO flag is not affected.
11.5. Accumulator Shift Operations
MAC0 contains a 1-bit arithmetic shift function which can be used to shift the contents of the 40-bit accu-
mulator left or right by one bit. The accumulator shift is initiated by writing a ‘1’ to the MAC0SC bit
(MAC0CF.5), and takes one SYSCLK cycle (the rounded result is available in the MAC0 Rounding Regis-
ters after a second SYSCLK cycle, and MAC0SC is cleared to ‘0’). The direction of the arithmetic shift is
controlled by the MAC0SD bit (MAC0CF.4). When this bit is cleared to ‘0’, the MAC0 accumulator will shift
left. When the MAC0SD bit is set to ‘1’, the MAC0 accumulator will shift right. Right-shift operations are
sign-extended with the current value of bit 39. Note that the status flags in the MAC0STA register are not
affected by shift operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com