Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 116 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 116 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 112Page - Silicon Laboratories C8051F360 Datasheet HTML 113Page - Silicon Laboratories C8051F360 Datasheet HTML 114Page - Silicon Laboratories C8051F360 Datasheet HTML 115Page - Silicon Laboratories C8051F360 Datasheet HTML 116Page - Silicon Laboratories C8051F360 Datasheet HTML 117Page - Silicon Laboratories C8051F360 Datasheet HTML 118Page - Silicon Laboratories C8051F360 Datasheet HTML 119Page - Silicon Laboratories C8051F360 Datasheet HTML 120Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
116
Rev. 1.0
SFR Definition 10.7. IT01CF: INT0/INT1 Configuration
Bit 7:
IN1PL: /INT1 Polarity
0: /INT1 input is active low.
1: /INT1 input is active high.
Bits 6–4: IN1SL2-0: /INT1 Port Pin Selection Bits
These bits select which Port pin is assigned to /INT1. Note that this pin assignment is inde-
pendent of the Crossbar; /INT1 will monitor the assigned Port pin without disturbing the
peripheral that has been assigned the Port pin via the Crossbar. The Crossbar will not
assign the Port pin to a peripheral if it is configured to skip the selected pin (accomplished by
setting to ‘1’ the corresponding bit in register P0SKIP).
Bit 3:
IN0PL: /INT0 Polarity
0: /INT0 interrupt is active low.
1: /INT0 interrupt is active high.
Bits 2–0: INT0SL2-0: /INT0 Port Pin Selection Bits
These bits select which Port pin is assigned to /INT0. Note that this pin assignment is inde-
pendent of the Crossbar. /INT0 will monitor the assigned Port pin without disturbing the
peripheral that has been assigned the Port pin via the Crossbar. The Crossbar will not
assign the Port pin to a peripheral if it is configured to skip the selected pin (accomplished by
setting to ‘1’ the corresponding bit in register P0SKIP).
SFR Page:
SFR Address:
all pages
0xE4
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
IN1PL
IN1SL2
IN1SL1
IN1SL0
IN0PL
IN0SL2
IN0SL1
IN0SL0
00000001
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Note: Refer to SFR Definition 21.1. “TCON: Timer Control” on page 252 for INT0/1 edge- or level-sensitive interrupt selection.
IN1SL2-0
/INT1 Port Pin
000
P0.0
001
P0.1
010
P0.2
011
P0.3
100
P0.4
101
P0.5
110
P0.6
111
P0.7
IN0SL2-0
/INT0 Port Pin
000
P0.0
001
P0.1
010
P0.2
011
P0.3
100
P0.4
101
P0.5
110
P0.6
111
P0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com