Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 114 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 114 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 110Page - Silicon Laboratories C8051F360 Datasheet HTML 111Page - Silicon Laboratories C8051F360 Datasheet HTML 112Page - Silicon Laboratories C8051F360 Datasheet HTML 113Page - Silicon Laboratories C8051F360 Datasheet HTML 114Page - Silicon Laboratories C8051F360 Datasheet HTML 115Page - Silicon Laboratories C8051F360 Datasheet HTML 116Page - Silicon Laboratories C8051F360 Datasheet HTML 117Page - Silicon Laboratories C8051F360 Datasheet HTML 118Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
114
Rev. 1.0
SFR Definition 10.5. EIE2: Extended Interrupt Enable 2
Bits 7–2: UNUSED. Read = 000000b. Write = don’t care.
Bit 1:
EMAT: Enable Port Match Interrupt.
This bit sets the masking of the Port Match interrupt.
0: Disable the Port Match interrupt.
1: Enable the Port Match interrupt.
Bit 0:
UNUSED. Read = 0b. Write = don’t care.
SFR Page:
SFR Address:
all pages
0xE7
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
–
–
–
–
–
–
EMAT
–
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Definition 10.6. EIP2: Extended Interrupt Priority 2
Bits 7–2: UNUSED. Read = 000000b. Write = don’t care.
Bit 1:
PMAT: Port Match Interrupt Priority Control.
This bit sets the priority of the Port Match interrupt.
0: Port Match interrupt set to low priority level.
1: Port Match interrupt set to high priority level.
Bit 0:
UNUSED. Read = 0b. Write = don’t care.
SFR Page:
SFR Address:
F
0xCF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
–
–
–
–
–
–
PMAT
–
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com