Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 110 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 110 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 106Page - Silicon Laboratories C8051F360 Datasheet HTML 107Page - Silicon Laboratories C8051F360 Datasheet HTML 108Page - Silicon Laboratories C8051F360 Datasheet HTML 109Page - Silicon Laboratories C8051F360 Datasheet HTML 110Page - Silicon Laboratories C8051F360 Datasheet HTML 111Page - Silicon Laboratories C8051F360 Datasheet HTML 112Page - Silicon Laboratories C8051F360 Datasheet HTML 113Page - Silicon Laboratories C8051F360 Datasheet HTML 114Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
110
Rev. 1.0
SFR Definition 10.1. IE: Interrupt Enable
Bit 7:
EA: Global Interrupt Enable.
This bit globally enables/disables all interrupts. It overrides the individual interrupt mask set-
tings.
0: Disable all interrupt sources.
1: Enable each interrupt according to its individual mask setting.
Bit 6:
ESPI0: Enable Serial Peripheral Interface (SPI0) Interrupt.
This bit sets the masking of the SPI0 interrupts.
0: Disable all SPI0 interrupts.
1: Enable interrupt requests generated by SPI0.
Bit 5:
ET2: Enable Timer 2 Interrupt.
This bit sets the masking of the Timer 2 interrupt.
0: Disable Timer 2 interrupt.
1: Enable interrupt requests generated by the TF2L or TF2H flags.
Bit 4:
ES0: Enable UART0 Interrupt.
This bit sets the masking of the UART0 interrupt.
0: Disable UART0 interrupt.
1: Enable UART0 interrupt.
Bit 3:
ET1: Enable Timer 1 Interrupt.
This bit sets the masking of the Timer 1 interrupt.
0: Disable all Timer 1 interrupt.
1: Enable interrupt requests generated by the TF1 flag.
Bit 2:
EX1: Enable External Interrupt 1.
This bit sets the masking of External Interrupt 1.
0: Disable external interrupt 1.
1: Enable interrupt requests generated by the /INT1 input.
Bit 1:
ET0: Enable Timer 0 Interrupt.
This bit sets the masking of the Timer 0 interrupt.
0: Disable all Timer 0 interrupt.
1: Enable interrupt requests generated by the TF0 flag.
Bit 0:
EX0: Enable External Interrupt 0.
This bit sets the masking of External Interrupt 0.
0: Disable external interrupt 0.
1: Enable interrupt requests generated by the /INT0 input.
SFR Page:
SFR Address:
all pages
0xA8
(bit addressable)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
EA
ESPI0
ET2
ES0
ET1
EX1
ET0
EX0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com