Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 115 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 115 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 111Page - Silicon Laboratories C8051F360 Datasheet HTML 112Page - Silicon Laboratories C8051F360 Datasheet HTML 113Page - Silicon Laboratories C8051F360 Datasheet HTML 114Page - Silicon Laboratories C8051F360 Datasheet HTML 115Page - Silicon Laboratories C8051F360 Datasheet HTML 116Page - Silicon Laboratories C8051F360 Datasheet HTML 117Page - Silicon Laboratories C8051F360 Datasheet HTML 118Page - Silicon Laboratories C8051F360 Datasheet HTML 119Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 288 page
background image
Rev. 1.0
115
C8051F360/1/2/3/4/5/6/7/8/9
10.5. External Interrupts
The /INT0 and /INT1 external interrupt sources are configurable as active high or low, edge or level sensi-
tive. The IN0PL (/INT0 Polarity) and IN1PL (/INT1 Polarity) bits in the IT01CF register select active high or
active low; the IT0 and IT1 bits in TCON (Section “21.1. Timer 0 and Timer 1” on page 248) select level or
edge sensitive. The table below lists the possible configurations.
Active low, edge sensitive
Active low, edge sensitive
Active high, edge sensitive
Active high, edge sensitive
Active low, level sensitive
Active low, level sensitive
Active high, level sensitive
Active high, level sensitive
/INT0 and /INT1 are assigned to Port pins as defined in the IT01CF register (see SFR Definition 10.7).
Note that /INT0 and /INT0 Port pin assignments are independent of any Crossbar assignments. /INT0 and
/INT1 will monitor their assigned Port pins without disturbing the peripheral that was assigned the Port pin
via the Crossbar. To assign a Port pin only to /INT0 and/or /INT1, configure the Crossbar to skip the
selected pin(s). This is accomplished by setting the associated bit in register XBR0 (see Section
“17.1. Priority Crossbar Decoder” on page 185 for complete details on configuring the Crossbar).
IE0 (TCON.1) and IE1 (TCON.3) serve as the interrupt-pending flags for the /INT0 and /INT1 external
interrupts, respectively. If an /INT0 or /INT1 external interrupt is configured as edge-sensitive, the corre-
sponding interrupt-pending flag is automatically cleared by the hardware when the CPU vectors to the ISR.
When configured as level sensitive, the interrupt-pending flag remains logic ‘1’ while the input is active as
defined by the corresponding polarity bit (IN0PL or IN1PL); the flag remains logic ‘0’ while the input is inac-
tive. The external interrupt source must hold the input active until the interrupt request is recognized. It
must then deactivate the interrupt request before execution of the ISR completes or another interrupt
request will be generated.
IT0
IN0PL
/INT0 Interrupt
IT1
IN1PL
/INT1 Interrupt
10
10
11
11
00
00
01
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com