Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 169 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 169 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 165Page - Silicon Laboratories C8051F360 Datasheet HTML 166Page - Silicon Laboratories C8051F360 Datasheet HTML 167Page - Silicon Laboratories C8051F360 Datasheet HTML 168Page - Silicon Laboratories C8051F360 Datasheet HTML 169Page - Silicon Laboratories C8051F360 Datasheet HTML 170Page - Silicon Laboratories C8051F360 Datasheet HTML 171Page - Silicon Laboratories C8051F360 Datasheet HTML 172Page - Silicon Laboratories C8051F360 Datasheet HTML 173Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 288 page
background image
Rev. 1.0
169
C8051F360/1/2/3/4/5/6/7/8/9
16. Oscillators
The C8051F36x devices include a programmable internal high-frequency oscillator, a programmable inter-
nal low-frequency oscillator, and an external oscillator drive circuit. The internal high-frequency oscillator
can be enabled, disabled, and calibrated using the OSCICN and OSCICL registers, as shown in
Figure 16.1. The internal low-frequency oscillator can be enabled/disabled and calibrated using the
OSCLCN register, as shown in SFR Definition 16.3. Both internal oscillators offer a selectable post-scaling
feature. The system clock can be sourced by the external oscillator circuit, either internal oscillator, or the
on-chip phase-locked loop (PLL). The internal oscillator's electrical specifications are given in Table 16.1
on page 171 and Table 16.2 on page 172.
Calibrated Internal
Oscillator
EN
SYSCLK
n
OSCICL
XTAL1
XTAL2
000
001
PLL
010
AGND
AV+
OSCICN
OSC
Input
Circuit
OSCXCN
Option 1
OSCLCN
OSCLF OSCLD
100
Option 4
XTAL2
Option 2
VDD
XTAL2
Option 3
XTAL2
Low Frequency
Oscillator
EN
n
OSCLD
OSCLF
CLKSEL
Figure 16.1. Oscillator Diagram
16.1. Programmable Internal High-Frequency (H-F) Oscillator
All devices include a calibrated internal high-frequency oscillator that defaults as the system clock after a
system reset. The internal oscillator period can be adjusted via the OSCICL register as defined by SFR
Definition 16.1. OSCICL is factory calibrated to obtain a 24.5 MHz frequency.
Electrical specifications for the precision internal oscillator are given in Table 16.1 on page 171 and
Table 16.2 on page 172. Note that the system clock may be derived from the programmed internal oscilla-
tor divided by 1, 2, 4, or 8, as defined by the IFCN bits in register OSCICN. The divide value defaults to 8
following a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com