Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 170 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 170 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 166Page - Silicon Laboratories C8051F360 Datasheet HTML 167Page - Silicon Laboratories C8051F360 Datasheet HTML 168Page - Silicon Laboratories C8051F360 Datasheet HTML 169Page - Silicon Laboratories C8051F360 Datasheet HTML 170Page - Silicon Laboratories C8051F360 Datasheet HTML 171Page - Silicon Laboratories C8051F360 Datasheet HTML 172Page - Silicon Laboratories C8051F360 Datasheet HTML 173Page - Silicon Laboratories C8051F360 Datasheet HTML 174Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
170
Rev. 1.0
16.1.1. Internal Oscillator Suspend Mode
When software writes a logic ‘1’ to SUSPEND (OSCICN.5), the internal oscillator is suspended. If the sys-
tem clock is derived from the internal oscillator, the input clock to the peripheral or CIP-51 will be stopped
until one of the following events occur:
•
Port 0 Match Event.
•
Port 1 Match Event.
•
Port 2 Match Event.
•Comparator 0 enabled and output is logic ‘0’.
•Comparator 1 enabled and output is logic ‘0’.
When one of the internal oscillator awakening events occur, the internal oscillator, CIP-51, and affected
peripherals resume normal operation, regardless of whether the event also causes an interrupt. The CPU
resumes execution at the instruction following the write to SUSPEND.
Note: Before entering SUSPEND mode, SYSCLK should be switched to run off of the internal oscillator
and not the PLL. When the CPU wakes due to the awakening event, the PLL must be reinitialized before
switching back to it as the SYSCLK source.
SFR Definition 16.1. OSCICL: Internal Oscillator Calibration
Bits 7–0: OSCICL: Internal Oscillator Calibration Register.
This register calibrates the internal oscillator period. The reset value for OSCICL defines the
internal oscillator base frequency. The reset value is factory calibrated to generate an inter-
nal oscillator frequency of 24.5 MHz.
SFR Page:
SFR Address:
F
0xBF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
Variable
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com