Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 174 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 174 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 170Page - Silicon Laboratories C8051F360 Datasheet HTML 171Page - Silicon Laboratories C8051F360 Datasheet HTML 172Page - Silicon Laboratories C8051F360 Datasheet HTML 173Page - Silicon Laboratories C8051F360 Datasheet HTML 174Page - Silicon Laboratories C8051F360 Datasheet HTML 175Page - Silicon Laboratories C8051F360 Datasheet HTML 176Page - Silicon Laboratories C8051F360 Datasheet HTML 177Page - Silicon Laboratories C8051F360 Datasheet HTML 178Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
174
Rev. 1.0
SFR Definition 16.4. CLKSEL: System Clock Selection
Bits 7–6: RESERVED. Read = 00b. Must Write 00b.
Bits 5–4: CLKDIV1-0: Output SYSCLK Divide Factor.
These bits can be used to pre-divide SYSCLK before it is output to a port pin through the
crossbar.
00: Output will be SYSCLK.
01: Output will be SYSCLK/2.
10: Output will be SYSCLK/4.
11: Output will be SYSCLK/8.
See Section “17. Port Input/Output” on page 183 for more details about routing this output to
a port pin.
Bit 3:
RESERVED. Read = 0b. Must Write 0b.
Bits 2–0: CLKSL2–0: System Clock Source Select Bits.
000: SYSCLK derived from the high-frequency Internal Oscillator, and scaled as per the
IFCN bits in OSCICN.
001: SYSCLK derived from the External Oscillator circuit.
010: SYSCLK derived from the low-frequency Internal Oscillator, and scaled as per the
OSCLD bits in OSCLCN.
011: RESERVED.
100: SYSCLK derived from the PLL.
101-11x: RESERVED.
SFR Page:
SFR Address:
F
0x8F
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
Reserved Reserved CLKDIV1 CLKDIV0 Reserved CLKSL2
CLKSL1
CLKSL0 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com