Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 172 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 172 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 168Page - Silicon Laboratories C8051F360 Datasheet HTML 169Page - Silicon Laboratories C8051F360 Datasheet HTML 170Page - Silicon Laboratories C8051F360 Datasheet HTML 171Page - Silicon Laboratories C8051F360 Datasheet HTML 172Page - Silicon Laboratories C8051F360 Datasheet HTML 173Page - Silicon Laboratories C8051F360 Datasheet HTML 174Page - Silicon Laboratories C8051F360 Datasheet HTML 175Page - Silicon Laboratories C8051F360 Datasheet HTML 176Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
172
Rev. 1.0
16.2.1. Calibrating the Internal L-F Oscillator
Timers 2 and 3 include capture functions that can be used to capture the oscillator frequency, when run-
ning from a known time base. When either Timer 2 or Timer 3 is configured for L-F Oscillator Capture
Mode, a falling edge (Timer 2) or rising edge (Timer 3) of the low-frequency oscillator’s output will cause a
capture event on the corresponding timer. As a capture event occurs, the current timer value
(TMRnH:TMRnL) is copied into the timer reload registers (TMRnRLH:TMRnRLL). By recording the differ-
ence between two successive timer capture values, the low-frequency oscillator’s period can be calcu-
lated. The OSCLF bits can then be adjusted to produce the desired oscillator frequency.
SFR Definition 16.3. OSCLCN: Internal L-F Oscillator Control
Bit 7:
OSCLEN: Internal L-F Oscillator Enable.
0: Internal L-F Oscillator Disabled.
1: Internal L-F Oscillator Enabled.
Bit 6:
OSCLRDY: Internal L-F Oscillator Ready.
0: Internal L-F Oscillator frequency not stabilized.
1: Internal L-F Oscillator frequency stabilized.
Bits 5–2: OSCLF[3:0]: Internal L-F Oscillator Frequency Control bits.
Fine-tune control bits for the Internal L-F oscillator frequency. When set to 0000b, the L-F
oscillator operates at its fastest setting. When set to 1111b, the L-F oscillator operates at its
slowest setting.
Bits 1–0: OSCLD[1:0]: Internal L-F Oscillator Divider Select.
00: Divide by 8 selected.
01: Divide by 4 selected.
10: Divide by 2 selected.
11: Divide by 1 selected.
SFR Page:
SFR Address:
F
0xAD
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
OSCLEN OSCLRDY OSCLF3
OSCLF2
OSCLF1
OSCLF0 OSCLD1 OSCLD0 00vvvv00
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Table 16.2. Internal Low Frequency Oscillator Electrical Characteristics
–40°C to +85°C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Oscillator Frequency
OSCLD = 11b
72
80
88
kHz
Oscillator Supply Current (from VDD)
25 °C, VDD = 3.0 V,
OSCLCN.7 = 1
—5.5
10
µA
Power Supply Sensitivity
Constant Temperature
—
2.4
—
%/V
Temperature Sensitivity
Constant Supply
—
30
—
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com