Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 175 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 175 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 171Page - Silicon Laboratories C8051F360 Datasheet HTML 172Page - Silicon Laboratories C8051F360 Datasheet HTML 173Page - Silicon Laboratories C8051F360 Datasheet HTML 174Page - Silicon Laboratories C8051F360 Datasheet HTML 175Page - Silicon Laboratories C8051F360 Datasheet HTML 176Page - Silicon Laboratories C8051F360 Datasheet HTML 177Page - Silicon Laboratories C8051F360 Datasheet HTML 178Page - Silicon Laboratories C8051F360 Datasheet HTML 179Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 288 page
background image
Rev. 1.0
175
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 16.5. OSCXCN: External Oscillator Control
Bit 7:
XTLVLD: Crystal Oscillator Valid Flag.
(Valid only when XOSCMD = 11x.)
0: Crystal Oscillator is unused or not yet stable.
1: Crystal Oscillator is running and stable.
Bits 6–4: XOSCMD2–0: External Oscillator Mode Bits.
00x: External Oscillator circuit off.
010: External CMOS Clock Mode.
011: External CMOS Clock Mode with divide by 2 stage.
100: RC Oscillator Mode.
101: Capacitor Oscillator Mode.
110: Crystal Oscillator Mode.
111: Crystal Oscillator Mode with divide by 2 stage.
Bit 3:
RESERVED. Read = 0b. Write = don't care.
Bits 2–0: XFCN2–0: External Oscillator Frequency Control Bits.
000-111: see table below:
CRYSTAL MODE (Circuit from Figure 16.1, Option 1; XOSCMD = 11x)
Choose XFCN value to match crystal frequency.
RC MODE (Circuit from Figure 16.1, Option 2; XOSCMD = 10x)
Choose XFCN value to match frequency range:
f = 1.23(103)/(R * C), where
f = frequency of oscillation in MHz
C = capacitor value in pF
R = Pullup resistor value in k
Ω
C MODE (Circuit from Figure 16.1, Option 3; XOSCMD = 10x)
Choose K Factor (KF) for the oscillation frequency desired:
f = KF/(C * VDD), where
f = frequency of oscillation in MHz
C = capacitor value on XTAL1, XTAL2 pins in pF
VDD = Power Supply on MCU in Volts
SFR Page:
SFR Address:
F
0xB6
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Reset Value
XTLVLD XOSCMD2 XOSCMD1 XOSCMD0 Reserved
XFCN2
XFCN1
XFCN0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XFCN
Crystal (XOSCMD = 11x)
RC (XOSCMD = 100)
C (XOSCMD = 101)
000
f
≤ 32 kHz
f
≤ 25 kHz
K Factor = 0.87
001
32 kHz
< f ≤ 84 kHz
25 kHz
< f ≤ 50 kHz
K Factor = 2.6
010
84 kHz
< f ≤ 225 kHz
50 kHz
< f ≤ 100 kHz
K Factor = 7.7
011
225 kHz
< f ≤ 590 kHz
100 kHz
< f ≤ 200 kHz
K Factor = 22
100
590 kHz
< f ≤ 1.5 MHz
200 kHz
< f ≤ 400 kHz
K Factor = 65
101
1.5 MHz
< f ≤ 4 MHz
400 kHz
< f ≤ 800 kHz
K Factor = 180
110
4 MHz
< f ≤ 10 MHz
800 kHz
< f ≤ 1.6 MHz
K Factor = 664
111
10 MHz
< f ≤ 30 MHz
1.6 MHz
< f ≤ 3.2 MHz
K Factor = 1590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com