Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 177 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 177 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 173Page - Silicon Laboratories C8051F360 Datasheet HTML 174Page - Silicon Laboratories C8051F360 Datasheet HTML 175Page - Silicon Laboratories C8051F360 Datasheet HTML 176Page - Silicon Laboratories C8051F360 Datasheet HTML 177Page - Silicon Laboratories C8051F360 Datasheet HTML 178Page - Silicon Laboratories C8051F360 Datasheet HTML 179Page - Silicon Laboratories C8051F360 Datasheet HTML 180Page - Silicon Laboratories C8051F360 Datasheet HTML 181Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 288 page
background image
Rev. 1.0
177
C8051F360/1/2/3/4/5/6/7/8/9
16.6. External RC Example
If an RC network is used as an external oscillator source for the MCU, the circuit should be configured as
shown in Figure 16.1, Option 2. The capacitor should be no greater than 100 pF; however for very small
capacitors, the total capacitance may be dominated by parasitic capacitance in the PCB layout. To deter-
mine the required External Oscillator Frequency Control value (XFCN) in the OSCXCN Register, first
select the RC network value to produce the desired frequency of oscillation. If the frequency desired is
100 kHz, let R = 246 k
Ω and C = 50 pF:
f = 1.23(103)/RC = 1.23 (103)/[246 x 50] = 0.1 MHz = 100 kHz
Referring to the table in SFR Definition 16.5, the required XFCN setting is 010b. Programming XFCN to a
higher setting in RC mode will improve frequency accuracy at a slightly increased external oscillator supply
current.
16.7. External Capacitor Example
If a capacitor is used as an external oscillator for the MCU, the circuit should be configured as shown in
Figure 16.1, Option 3. The capacitor should be no greater than 100 pF; however for very small capacitors,
the total capacitance may be dominated by parasitic capacitance in the PCB layout. To determine the
required External Oscillator Frequency Control value (XFCN) in the OSCXCN Register, select the capaci-
tor to be used and find the frequency of oscillation from the equations below. Assume VDD = 3.0 V and
f = 75 kHz:
f = KF / (C x VDD)
0.075 MHz = KF / (C x 3.0)
Since the frequency of roughly 75 kHz is desired, select the K Factor from the table in SFR Definition 16.5
as KF = 7.7:
0.075 MHz = 7.7 / (C x 3.0)
C x 3.0 = 7.7 / 0.075 MHz
C = 102.6 / 3.0 pF = 34.2 pF
Therefore, the XFCN value to use in this example is 010b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com