Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 181 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 181 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 177Page - Silicon Laboratories C8051F360 Datasheet HTML 178Page - Silicon Laboratories C8051F360 Datasheet HTML 179Page - Silicon Laboratories C8051F360 Datasheet HTML 180Page - Silicon Laboratories C8051F360 Datasheet HTML 181Page - Silicon Laboratories C8051F360 Datasheet HTML 182Page - Silicon Laboratories C8051F360 Datasheet HTML 183Page - Silicon Laboratories C8051F360 Datasheet HTML 184Page - Silicon Laboratories C8051F360 Datasheet HTML 185Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 288 page
background image
Rev. 1.0
181
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 16.8. PLL0MUL: PLL Clock Scaler
Bits 7–0: PLLN7–0: PLL Multiplier.
These bits select the multiplication factor of the divided PLL reference clock. When set to
any non-zero value, the multiplication factor will be equal to the value in PLLN7-0. When set
to ‘00000000b’, the multiplication factor will be equal to 256.
SFR Page:
SFR Address:
F
0xB1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
PLLN7
PLLN6
PLLN5
PLLN4
PLLN3
PLLN2
PLLN1
PLLN0
00000001
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Definition 16.9. PLL0FLT: PLL Filter
Bits 7–6: UNUSED. Read = 00b. Write = don’t care.
Bits 5–4: PLLICO1-0: PLL Current-Controlled Oscillator Control Bits.
Selection is based on the desired output frequency, according to the following table:
Bits 3–0: PLLLP3-0: PLL Loop Filter Control Bits.
Selection is based on the divided PLL reference clock, according to the following table:
All other states of PLLLP3–0 are RESERVED.
SFR Page:
SFR Address:
F
0xB2
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
–
–
PLLICO1 PLLICO0
PLLLP3
PLLLP2
PLLLP1
PLLLP0 00110001
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PLL Output Clock
PLLICO1-0
65–100 MHz
00
45–80 MHz
01
30–60 MHz
10
25–50 MHz
11
Divided PLL Reference Clock
PLLLP3-0
19–30 MHz
0001
12.2–19.5 MHz
0011
7.8–12.5 MHz
0111
5–8 MHz
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com