Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 182 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 182 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 178Page - Silicon Laboratories C8051F360 Datasheet HTML 179Page - Silicon Laboratories C8051F360 Datasheet HTML 180Page - Silicon Laboratories C8051F360 Datasheet HTML 181Page - Silicon Laboratories C8051F360 Datasheet HTML 182Page - Silicon Laboratories C8051F360 Datasheet HTML 183Page - Silicon Laboratories C8051F360 Datasheet HTML 184Page - Silicon Laboratories C8051F360 Datasheet HTML 185Page - Silicon Laboratories C8051F360 Datasheet HTML 186Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 288 page
background image
Table 16.3. PLL Frequency Characteristics
–40 to +85 °C unless otherwise specified.
Input Frequency
(Divided Reference Frequency)
PLL Output Frequency
*Note: The maximum operating frequency of the C8051F366/7/8/9 is 50 MHz.
C8051F360/1/2/3/4/5/6/7/8/9
182
Rev. 1.0
Table 16.4. PLL Lock Timing Characteristics
–40 to +85 °C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
530
MHz
25
100*
MHz
Input
Frequency
Multiplier
(Pll0mul)
Pll0flt
Setting
Output
Frequency
Min
Typ
Max
Units
5 MHz
20
0x0F
100 MHz
202
µs
13
0x0F
65 MHz
115
µs
16
0x1F
80 MHz
241
µs
9
0x1F
45 MHz
116
µs
12
0x2F
60 MHz
258
µs
6
0x2F
30 MHz
112
µs
10
0x3F
50 MHz
263
µs
5
0x3F
25 MHz
113
µs
25 MHz
40x01
100 MHz
42
µs
2
0x01
50 MHz
33
µs
3
0x11
75 MHz
48
µs
2
0x11
50 MHz
17
µs
2
0x21
50 MHz
42
µs
1
0x21
25 MHz
33
µs
2
0x31
50 MHz
60
µs
1
0x31
25 MHz
25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com