Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 183 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 183 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 179Page - Silicon Laboratories C8051F360 Datasheet HTML 180Page - Silicon Laboratories C8051F360 Datasheet HTML 181Page - Silicon Laboratories C8051F360 Datasheet HTML 182Page - Silicon Laboratories C8051F360 Datasheet HTML 183Page - Silicon Laboratories C8051F360 Datasheet HTML 184Page - Silicon Laboratories C8051F360 Datasheet HTML 185Page - Silicon Laboratories C8051F360 Datasheet HTML 186Page - Silicon Laboratories C8051F360 Datasheet HTML 187Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 288 page
background image
Rev. 1.0
183
C8051F360/1/2/3/4/5/6/7/8/9
17. Port Input/Output
Digital and analog resources are available through up to 39 I/O pins. On the largest devices
(C8051F360/3), port pins are organized as four byte-wide Ports and one 7-bit-wide Port. On the other
devices (C8051F361/2/4/5/6/7/8/9), port pins are three byte-wide Ports and one partial port. Each of the
Port pins can be defined as general-purpose I/O (GPIO) or analog input/output; Port pins P0.0–P3.7 can
be assigned to one of the internal digital resources as shown in Figure 17.3. The designer has complete
control over which functions are assigned, limited only by the number of physical I/O pins. This resource
assignment flexibility is achieved through the use of a Priority Crossbar Decoder. Note that the state of a
Port I/O pin can always be read in the corresponding Port latch, regardless of the Crossbar settings.
The Crossbar assigns the selected internal digital resources to the I/O pins based on the peripheral priority
order of the Priority Decoder (Figure 17.3 and Figure 17.4). The registers XBR0 and XBR1, defined in SFR
Definition 17.1 and SFR Definition 17.2, are used to select internal digital functions.
All Port I/Os are 5 V tolerant (refer to Figure 17.2 for the Port cell circuit). The Port I/O cells are configured
as either push-pull or open-drain in the Port Output Mode registers (PnMDOUT, where n = 0,1,2,3,4). Com-
plete Electrical Specifications for Port I/O are given in Table 17.1 on page 201.
XBR0, XBR1,
PnSKIP Registers
Digital
Crossbar
Priority
Decoder
2
P0
I/O
Cells
P0.0
P0.7
8
P0MASK, P0MATCH
P1MASK, P1MATCH,
P2MASK, P2MATCH
Registers
UART
Highest
Priority
Lowest
Priority
SYSCLK
2
SMBus
T0, T1
2
7
PCA
4
CP0
CP1
Outputs
SPI
4
P0
(P0.0-P0.7)
(P1.0-P1.7)
8
8
P1
P2
(P2.0-P2.7)
8
PnMDOUT,
PnMDIN Registers
3.5–3.7 available on
C8051F360/3
P3
(P3.0-P3.7)
8
P1
I/O
Cells
P1.0
P1.7
8
P2
I/O
Cell
8
P2.0
P2.7
P3
I/O
Cells
P3.0
P3.7
8
3.1–3.4 available on
C8051F360/1/3/4/6/8
Figure 17.1. Port I/O Functional Block Diagram (Port 0 through Port 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com