Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 178 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 178 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 174Page - Silicon Laboratories C8051F360 Datasheet HTML 175Page - Silicon Laboratories C8051F360 Datasheet HTML 176Page - Silicon Laboratories C8051F360 Datasheet HTML 177Page - Silicon Laboratories C8051F360 Datasheet HTML 178Page - Silicon Laboratories C8051F360 Datasheet HTML 179Page - Silicon Laboratories C8051F360 Datasheet HTML 180Page - Silicon Laboratories C8051F360 Datasheet HTML 181Page - Silicon Laboratories C8051F360 Datasheet HTML 182Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
178
Rev. 1.0
16.8. Phase-Locked Loop (PLL)
A Phase-Locked-Loop (PLL) is included, which is used to multiply the internal oscillator or an external
clock source to achieve higher CPU operating frequencies. The PLL circuitry is designed to produce an
output frequency between 25 MHz and 100 MHz, from a divided reference frequency between 5 MHz and
30 MHz. A block diagram of the PLL is shown in Figure 16.3.
PLL0DIV
PLL0MUL
PLL0CN
PLL0FLT
0
1
Internal
Oscillator
External
Oscillator
÷
Phase /
Frequency
Detection
÷
Loop Filter
Current
Controlled
Oscillator
PLL Clock
Output
Divided
Reference
Clock
Figure 16.3. PLL Block Diagram
16.8.1. PLL Input Clock and Pre-divider
The PLL circuitry can derive its reference clock from either the internal oscillator or an external clock
source. The PLLSRC bit (PLL0CN.2) controls which clock source is used for the reference clock (see SFR
Definition 16.6). If PLLSRC is set to ‘0’, the internal oscillator source is used. Note that the internal oscilla-
tor divide factor (as specified by bits IFCN1-0 in register OSCICN) will also apply to this clock. When
PLLSRC is set to ‘1’, an external oscillator source will be used. The external oscillator should be active and
settled before it is selected as a reference clock for the PLL circuit. The reference clock is divided down
prior to the PLL circuit, according to the contents of the PLLM4-0 bits in the PLL Pre-divider Register
(PLL0DIV), shown in SFR Definition 16.7.
16.8.2. PLL Multiplication and Output Clock
The PLL circuitry will multiply the divided reference clock by the multiplication factor stored in the
PLL0MUL register shown in SFR Definition 16.8. To accomplish this, it uses a feedback loop consisting of
a phase/frequency detector, a loop filter, and a current-controlled oscillator (ICO). It is important to config-
ure the loop filter and the ICO for the correct frequency ranges. The PLLLP3–0 bits (PLL0FLT.3–0) should
be set according to the divided reference clock frequency. Likewise, the PLLICO1–0 bits (PLL0FLT.5–4)
should be set according to the desired output frequency range. SFR Definition 16.9 describes the proper
settings to use for the PLLLP3–0 and PLLICO1–0 bits. When the PLL is locked and stable at the desired
frequency, the PLLLCK bit (PLL0CN.5) will be set to a ‘1’. The resulting PLL frequency will be set accord-
ing to the equation:
PLL Frequency
Reference Frequency
PLLN
PLLM
---------------
×
=
Where “Reference Frequency” is the selected source clock frequency, PLLN is the PLL Multiplier, and
PLLM is the PLL Pre-divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com