Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 248 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 248 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 244Page - Silicon Laboratories C8051F360 Datasheet HTML 245Page - Silicon Laboratories C8051F360 Datasheet HTML 246Page - Silicon Laboratories C8051F360 Datasheet HTML 247Page - Silicon Laboratories C8051F360 Datasheet HTML 248Page - Silicon Laboratories C8051F360 Datasheet HTML 249Page - Silicon Laboratories C8051F360 Datasheet HTML 250Page - Silicon Laboratories C8051F360 Datasheet HTML 251Page - Silicon Laboratories C8051F360 Datasheet HTML 252Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
248
Rev. 1.0
21.1. Timer 0 and Timer 1
Each timer is implemented as a 16-bit register accessed as two separate bytes: a low byte (TL0 or TL1)
and a high byte (TH0 or TH1). The Counter/Timer Control register (TCON) is used to enable Timer 0 and
Timer 1 as well as indicate status. Timer 0 interrupts can be enabled by setting the ET0 bit in the IE regis-
ter (Section “10.4. Interrupt Register Descriptions” on page 109); Timer 1 interrupts can be enabled by set-
ting the ET1 bit in the IE register (Section 10.4). Both counter/timers operate in one of four primary modes
selected by setting the Mode Select bits T1M1–T0M0 in the Counter/Timer Mode register (TMOD). Each
timer can be configured independently. Each operating mode is described below.
21.1.1. Mode 0: 13-bit Counter/Timer
Timer 0 and Timer 1 operate as 13-bit counter/timers in Mode 0. The following describes the configuration
and operation of Timer 0. However, both timers operate identically, and Timer 1 is configured in the same
manner as described for Timer 0.
The TH0 register holds the eight MSBs of the 13-bit counter/timer. TL0 holds the five LSBs in bit positions
TL0.4–TL0.0. The three upper bits of TL0 (TL0.7–TL0.5) are indeterminate and should be masked out or
ignored when reading. As the 13-bit timer register increments and overflows from 0x1FFF (all ones) to
0x0000, the timer overflow flag TF0 (TCON.5) is set and an interrupt will occur if Timer 0 interrupts are
enabled.
The C/T0 bit (TMOD.2) selects the counter/timer's clock source. When C/T0 is set to logic ‘1’, high-to-low
transitions at the selected Timer 0 input pin (T0) increment the timer register (Refer to Section
“17.1. Priority Crossbar Decoder” on page 185 for information on selecting and configuring external I/O
pins). Clearing C/T selects the clock defined by the T0M bit (CKCON.3). When T0M is set, Timer 0 is
clocked by the system clock. When T0M is cleared, Timer 0 is clocked by the source selected by the Clock
Scale bits in CKCON (see SFR Definition 21.3).
Setting the TR0 bit (TCON.4) enables the timer when either GATE0 (TMOD.3) is logic ‘0’ or the input signal
/INT0 is active as defined by bit IN0PL in register IT01CF (see SFR Definition 10.7). Setting GATE0 to ‘1’
allows the timer to be controlled by the external input signal /INT0 (see Section “10.4. Interrupt Register
Descriptions” on page 109), facilitating pulse width measurements
Note: X = Don't Care
Setting TR0 does not force the timer to reset. The timer registers should be loaded with the desired initial
value before the timer is enabled.
TL1 and TH1 form the 13-bit register for Timer 1 in the same manner as described above for TL0 and TH0.
Timer 1 is configured and controlled using the relevant TCON and TMOD bits just as with Timer 0. The
input signal /INT1 is used with Timer 1; the /INT1 polarity is defined by bit IN1PL in register IT01CF (see
SFR Definition 10.7).
TR0
GATE0
/INT0
Counter/Timer
0
X
X
Disabled
1
0
X
Enabled
1
1
0
Disabled
111
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com