Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 249 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 249 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 245Page - Silicon Laboratories C8051F360 Datasheet HTML 246Page - Silicon Laboratories C8051F360 Datasheet HTML 247Page - Silicon Laboratories C8051F360 Datasheet HTML 248Page - Silicon Laboratories C8051F360 Datasheet HTML 249Page - Silicon Laboratories C8051F360 Datasheet HTML 250Page - Silicon Laboratories C8051F360 Datasheet HTML 251Page - Silicon Laboratories C8051F360 Datasheet HTML 252Page - Silicon Laboratories C8051F360 Datasheet HTML 253Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 288 page
background image
TC LK
TL0
(5 b its)
TH 0
(8 b its )
TF 0
TR 0
TR 1
TF 1
IE 1
IT 1
IE 0
IT 0
Interrupt
TR 0
0
1
0
1
SYS C L K
P re -sc aled C lock
CK CO N
T
3
M
H
T
3
M
L
S
C
A
0
S
C
A
1
T
0
M
T
2
M
H
T
2
M
L
T
1
M
TM O D
T
1
M
1
T
1
M
0
C
/
T
1
G
A
T
E
1
G
A
T
E
0
C
/
T
0
T
0
M
1
T
0
M
0
GA T E 0
/IN T 0
T0
C rossbar
IT 0 1 C F
I
N
1
S
L
1
I
N
1
S
L
0
I
N
1
S
L
2
I
N
1
P
L
I
N
0
P
L
I
N
0
S
L
2
I
N
0
S
L
1
I
N
0
S
L
0
IN 0 P L
XO R
Rev. 1.0
249
C8051F360/1/2/3/4/5/6/7/8/9
Figure 21.1. T0 Mode 0 Block Diagram
21.1.2. Mode 1: 16-bit Counter/Timer
Mode 1 operation is the same as Mode 0, except that the counter/timer registers use all 16 bits. The
counter/timers are enabled and configured in Mode 1 in the same manner as for Mode 0.
21.1.3. Mode 2: 8-bit Counter/Timer with Auto-Reload
Mode 2 configures Timer 0 and Timer 1 to operate as 8-bit counter/timers with automatic reload of the start
value. TL0 holds the count and TH0 holds the reload value. When the counter in TL0 overflows from all
ones to 0x00, the timer overflow flag TF0 (TCON.5) is set and the counter in TL0 is reloaded from TH0. If
Timer 0 interrupts are enabled, an interrupt will occur when the TF0 flag is set. The reload value in TH0 is
not changed. TL0 must be initialized to the desired value before enabling the timer for the first count to be
correct. When in Mode 2, Timer 1 operates identically to Timer 0.
Both counter/timers are enabled and configured in Mode 2 in the same manner as Mode 0. Setting the
TR0 bit (TCON.4) enables the timer when either GATE0 (TMOD.3) is logic ‘0’ or when the input signal
/INT0 is active as defined by bit IN0PL in register IT01CF (see Section “10.5. External Interrupts” on
page 115 for details on the external input signals /INT0 and /INT1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com