Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 261 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 261 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 257Page - Silicon Laboratories C8051F360 Datasheet HTML 258Page - Silicon Laboratories C8051F360 Datasheet HTML 259Page - Silicon Laboratories C8051F360 Datasheet HTML 260Page - Silicon Laboratories C8051F360 Datasheet HTML 261Page - Silicon Laboratories C8051F360 Datasheet HTML 262Page - Silicon Laboratories C8051F360 Datasheet HTML 263Page - Silicon Laboratories C8051F360 Datasheet HTML 264Page - Silicon Laboratories C8051F360 Datasheet HTML 265Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 288 page
background image
Rev. 1.0
261
C8051F360/1/2/3/4/5/6/7/8/9
21.3.2. 8-bit Timers with Auto-Reload
When T3SPLIT is set, Timer 3 operates as two 8-bit timers (TMR3H and TMR3L). Both 8-bit timers oper-
ate in auto-reload mode as shown in Figure 21.7. TMR3RLL holds the reload value for TMR3L; TMR3RLH
holds the reload value for TMR3H. The TR3 bit in TMR3CN handles the run control for TMR3H. TMR3L is
always running when configured for 8-bit Mode.
Each 8-bit timer may be configured to use SYSCLK, SYSCLK divided by 12, or the external oscillator clock
source divided by 8. The Timer 3 Clock Select bits (T3MH and T3ML in CKCON) select either SYSCLK or
the clock defined by the Timer 3 External Clock Select bit (T3XCLK in TMR3CN), as follows:
The TF3H bit is set when TMR3H overflows from 0xFF to 0x00; the TF3L bit is set when TMR3L overflows
from 0xFF to 0x00. When Timer 3 interrupts are enabled, an interrupt is generated each time TMR3H over-
flows. If Timer 3 interrupts are enabled and TF3LEN (TMR3CN.5) is set, an interrupt is generated each
time either TMR3L or TMR3H overflows. When TF3LEN is enabled, software must check the TF3H and
TF3L flags to determine the source of the Timer 3 interrupt. The TF3H and TF3L interrupt flags are not
cleared by hardware and must be manually cleared by software.
SYSCLK
TCLK
0
1
TR3
External Clock / 8
SYSCLK / 12
0
1
T3XCLK
1
0
TMR3H
TMR3RLH
Reload
Reload
TCLK
TMR3L
TMR3RLL
Interrupt
T3SPLIT
TF3CEN
TF3LEN
TF3L
TF3H
T3XCLK
TR3
To ADC
CKCON
T
3
M
H
T
3
M
L
S
C
A
0
S
C
A
1
T
0
M
T
2
M
H
T
2
M
L
T
1
M
Figure 21.7. Timer 3 8-Bit Mode Block Diagram
T3MH
T3XCLK
TMR3H Clock
Source
T3ML
T3XCLK
TMR3L Clock
Source
0
0
SYSCLK/12
0
0
SYSCLK/12
0
1
External Clock/8
0
1
External Clock/8
1
X
SYSCLK
1
X
SYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com