Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 258 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 258 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 254Page - Silicon Laboratories C8051F360 Datasheet HTML 255Page - Silicon Laboratories C8051F360 Datasheet HTML 256Page - Silicon Laboratories C8051F360 Datasheet HTML 257Page - Silicon Laboratories C8051F360 Datasheet HTML 258Page - Silicon Laboratories C8051F360 Datasheet HTML 259Page - Silicon Laboratories C8051F360 Datasheet HTML 260Page - Silicon Laboratories C8051F360 Datasheet HTML 261Page - Silicon Laboratories C8051F360 Datasheet HTML 262Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
258
Rev. 1.0
SFR Definition 21.8. TMR2CN: Timer 2 Control
Bit 7:
TF2H: Timer 2 High Byte Overflow Flag.
Set by hardware when the Timer 2 high byte overflows from 0xFF to 0x00. In 16 bit mode,
this will occur when Timer 2 overflows from 0xFFFF to 0x0000. When the Timer 2 interrupt is
enabled, setting this bit causes the CPU to vector to the Timer 2 interrupt service routine.
TF2H is not automatically cleared by hardware and must be cleared by software.
Bit 6:
TF2L: Timer 2 Low Byte Overflow Flag.
Set by hardware when the Timer 2 low byte overflows from 0xFF to 0x00. When this bit is
set, an interrupt will be generated if TF2LEN is set and Timer 2 interrupts are enabled. TF2L
will set when the low byte overflows regardless of the Timer 2 mode. This bit is not automat-
ically cleared by hardware.
Bit 5:
TF2LEN: Timer 2 Low Byte Interrupt Enable.
This bit enables/disables Timer 2 Low Byte interrupts. If TF2LEN is set and Timer 2 inter-
rupts are enabled, an interrupt will be generated when the low byte of Timer 2 overflows.
0: Timer 2 Low Byte interrupts disabled.
1: Timer 2 Low Byte interrupts enabled.
Bit 4:
TF2CEN: Timer 2 Low-Frequency Oscillator Capture Enable.
This bit enables/disables Timer 2 Low-Frequency Oscillator Capture Mode. If TF2CEN is set
and Timer 2 interrupts are enabled, an interrupt will be generated on a falling edge of the
low-frequency oscillator output, and the current 16-bit timer value in TMR2H:TMR2L will be
copied to TMR2RLH:TMR2RLL. See Section “16. Oscillators” on page 169 for more details.
0: Timer 2 Low-Frequency Oscillator Capture disabled.
1: Timer 2 Low-Frequency Oscillator Capture enabled.
Bit 3:
T2SPLIT: Timer 2 Split Mode Enable.
When this bit is set, Timer 2 operates as two 8-bit timers with auto-reload.
0: Timer 2 operates in 16-bit auto-reload mode.
1: Timer 2 operates as two 8-bit auto-reload timers.
Bit 2:
TR2: Timer 2 Run Control.
This bit enables/disables Timer 2. In 8-bit mode, this bit enables/disables TMR2H only;
TMR2L is always enabled in this mode.
0: Timer 2 disabled.
1: Timer 2 enabled.
Bit 1:
UNUSED. Read = 0b. Write = don’t care.
Bit 0:
T2XCLK: Timer 2 External Clock Select.
This bit selects the external clock source for Timer 2. If Timer 2 is in 8-bit mode, this bit
selects the external oscillator clock source for both timer bytes. However, the Timer 2 Clock
Select bits (T2MH and T2ML in register CKCON) may still be used to select between the
external clock and the system clock for either timer.
0: Timer 2 external clock selection is the system clock divided by 12.
1: Timer 2 external clock selection is the external clock divided by 8. Note that the external
oscillator source divided by 8 is synchronized with the system clock.
SFR Page:
SFR Address:
all pages
0xC8
(bit addressable)
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Reset Value
TF2H
TF2L
TF2LEN
TF2CEN T2SPLIT
TR2
–
T2XCLK 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com