Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 125 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 121Page - Texas Instruments XIO2000A Datasheet HTML 122Page - Texas Instruments XIO2000A Datasheet HTML 123Page - Texas Instruments XIO2000A Datasheet HTML 124Page - Texas Instruments XIO2000A Datasheet HTML 125Page - Texas Instruments XIO2000A Datasheet HTML 126Page - Texas Instruments XIO2000A Datasheet HTML 127Page - Texas Instruments XIO2000A Datasheet HTML 128Page - Texas Instruments XIO2000A Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 155 page
background image
Memory-Mapped TI Proprietary Register Space
115
April 2007
SCPS155B
6.2
Revision ID Register
The revision ID register identifies the revision of the TI proprietary layout for this device control map. The value
00h identifies the revision as the initial layout.
Device control memory window register offset:
01h
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
6.3
Upstream Isochrony Capabilities Register
The upstream isochronous capabilities register provides software information regarding the capabilities
supported by this bridge. See Table 6−2 for a complete description of the register contents.
Device control memory window register offset:
02h
Register type:
Read-only
Default value:
0004h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
Table 6−2. Upstream Isochronous Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
RSVD
R
Reserved. Returns 000h when read.
3:0
ISOC_WINDOW_COUNT
R
Isochronous window count. This 4-bit field indicates the number of isochronous address
windows supported. The value 0100b indicates that 4 separate windows are supported
by the bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com