Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 126 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 122Page - Texas Instruments XIO2000A Datasheet HTML 123Page - Texas Instruments XIO2000A Datasheet HTML 124Page - Texas Instruments XIO2000A Datasheet HTML 125Page - Texas Instruments XIO2000A Datasheet HTML 126Page - Texas Instruments XIO2000A Datasheet HTML 127Page - Texas Instruments XIO2000A Datasheet HTML 128Page - Texas Instruments XIO2000A Datasheet HTML 129Page - Texas Instruments XIO2000A Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 155 page
background image
Memory-Mapped TI Proprietary Register Space
116
April 2007
SCPS155B
6.4
Upstream Isochrony Control Register
The upstream isochrony control register allows software to control bridge isochronous behavior. See
Table 6−3 for a complete description of the register contents.
Device control memory window register offset:
04h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 6−3. Upstream Isochrony Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:3
RSVD
R
Reserved. Returns 0 0000 0000 0000b when read.
2
PORTARB_LEVEL_2_EN
RW
Port arbitration level 2 enable. This bit is only valid if PORTARB_LEVEL_1_EN is set to
1b, because this enhances the behavior enabled through the assertion of that bit. If
PORTARB_LEVEL_1_EN is clear, then this bit is read-only and returns 0b when read.
0 = Arbiter behavior follows PORTARB_LEVEL_1_EN rules (default)
1 = Aggressive mode. The arbiter deliberately stops secondary bus masters in the
middle of their transaction to assure that isochrony is preserved.
1
PORTARB_LEVEL_1_EN
RW
Port arbitration level 1 enable.
0 = Arbiter behavior is controlled only by the arbiter control registers within the classic
PCI configuration space (default)
1 = Values programmed within the port arbitration table for extended VCs impact the
arbiter’s decision to assert GNT to any particular bus master. Programmed values
in the arbiter control registers within the classic PCI configuration space have no
effect when this bit is asserted.
0
ISOC_ENABLE
RW
Isochronous enable. Global enable bit for the upstream isochronous capability of the
bridge.
0 = Mapping of upstream traffic to TCs other than TC0 prohibited (default)
1 = Mapping of upstream traffic to TCs other than TC0 permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com