Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 141 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 141 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 512 page
background image
Chapter 9 External Bus Controller
9-3
9.3
Registers
9.3.1
Register Map
The base address of the ROMC is 0xFFFE_9000. All registers of the ROMC can only be word-
accessed. Any other type of access will produce unexpected results.
For the bits not defined, write the values shown in the figures.
Table 9.3.1 ROM Controller Registers
Address
Register Mnemonic
Register Name
0xFFFE_9000
RCCR0
ROM Channel Control Register 0
0xFFFE_9004
RCCR1
ROM Channel Control Register 1
0xFFFE_9008
RCCR2
ROM Channel Control Register 2
0xFFFE_900C
RCCR3
ROM Channel Control Register 3
0xFFFE_9010
RCCR4
ROM Channel Control Register 4
0xFFFE_9014
RCCR5
ROM Channel Control Register 5
0xFFFE_9018
RCCR6
ROM Channel Control Register 6
0xFFFE_901C
RCCR7
ROM Channel Control Register 7
The ROMC has eight ROM Channel Control Registers. The eight registers only differ in the channel
number and address; they all have the same functions, except that the initial values for Channel 0
depends on whether half-speed ROM or full-speed ROM mode is selected.
Channels 2 to 7 share the chip select signals with the SDRAM Controller. SDRAM and ROM
channels with an identical number may not be enabled at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com