Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 142 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 142 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 512 page
background image
Chapter 9 External Bus Controller
9-4
9.3.2
ROM Channel Control Registers (RCCR0-RCCR7)
0xFFFE_9000 (ch.0)
0xFFFE_9004 (ch.1)
0xFFFE_9008 (ch.2)
0xFFFE_900C (ch.3)
0xFFFE_9010 (ch.4)
0xFFFE_9014 (ch.5)
0xFFFE_9018 (ch.6)
0xFFFE_901C (ch.7)
Channel 0 can be used to control a boot memory device. Therefore, the initial values for ROM
Channel Control Register 0 are set by the values of the boot signals.
31
20
19
18
17
16
RBA
RPM
RPWT
R/W
R/W
R/W
: Type
0x1FC
0
0
1
1
: Initial value
15
12
11
87
65
43
2
0
RWT
RCS
16BUS
RDY
RBC
RHS
RME
RSHWT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
1/0
1/0
1/0
BAI/0
0
0
1/0
0
B16/0
0
BBC/0 BME0/0 BME1/0
00
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:20
RBA
Base Address
ROM Control Base Address (initial value: 0x1FC)
Specifies the physical base address of the channel.
19:18
RPM
Page Mode
Page Size
ROM Control Page Mode Page Size (initial value: 00)
Specifies the page size for word burst page mode.
00: Not configured for page mode
01: 4-word burst page mode
10: 8-word burst page mode
11: 16-word burst page mode
17:16
RPWT
Page Mode
Wait Time
ROM Control Page Mode Wait Time (initial value: 11)
In page mode, specifies the number of wait states to be taken by non-first transfers of
a burst.
00: 0 wait states
10: 2 wait states
01: 1 wait state
11: 3 wait states
In non-page mode, RPWT is used in conjunction with RWT to specify the number of
wait states (the value of BAI) in the range of 0 to 62. (Refer to the description of RWT.)
15:12
RWT
Normal Mode
Wait Time
ROM Control Normal Mode Wait Time (initial value: 111(BAI) for Channel 0 and 0000
for Channels 1 to 7)
In page mode, specifies the number of wait states to be taken by all single transfers or
the first transfer of a burst.
0000: 0 wait states
0100: 4 wait states
1000: 8 wait states
1100: 12 wait states
0001: 1 wait state
0101: 5 wait states
1001: 9 wait states
1101: 13 wait states
0010: 2 wait states
0110: 6 wait states
1010: 10 wait states 1110: 14 wait states
0011: 3 wait states
0111: 7 wait states
1011: 11 wait states 1111: 15 wait states
In non-page mode, RWT is used in conjunction with RPWT to specify the number of
wait states in the range of 0 to 62.
RPWT [1:0] : RWT [3:0]
000000: 0 wait states
010000: 16 wait states
110000: 48 wait states
000001: 1 wait state
010001: 17 wait states
110001: 49 wait states
:
:
:
001110: 14 wait states
011110: 30 wait states
111110: 62 wait states
001111: 15 wait states
011111: 31 wait states
111111: External ACK* mode
Note 1: The LSB for Channel 0 is set with the inverted value of boot signal BAI*
(ADDR[7] pin).
Note 2: When RPM=00 and RDY=0, setting RPWT0:RWT0 to 0x3f causes the ROMC
to enter ACK* input mode, instead of the longest wait time in ACK* output
mode being selected.
Note 3: In READY mode, RWT[0] is used to select ACK*/READY Dynamic or Static
mode. In that case, the number of wait states is always even.
Figure 9.3.1 ROM Channel Control Registers (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com