Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 144 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 144 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 512 page
background image
Chapter 9 External Bus Controller
9-6
9.4
Operation
9.4.1
Bootup Options
Channel 0 can be used to control a boot memory device and can be configured through boot options
during reset initialization of the TMPR3927. The following provides a description of the boot options.
For a complete description of boot-mode settings via external pins (boot pins), refer to "3.4 Initial
Setting Signals."
BOOTME
Enables or disables Channel 0 and specifies the bus speed (half/full speed). The values presented
on boot signals BME[1:0] (ADDR[9:8] pins) are set in the RME and RHS bits of ROM Channel
Control Register 0.
00: Disables Channel 0 as the boot channel. (When BME[1:0]
=00)
01: Disables Channel 0 as the boot channel. (When BME[1:0]=01)
10: Enables Channel 0 as the boot channel in half-speed mode
(The SYSCLK frequency is half that of the G-Bus frequency.)
(When BME[1:0]=10)
11: Enables Channel 0 as the boot channel in full-speed mode
(The SYSCLK frequency is equal to the G-Bus frequency.)
(When BME[1:0]=11)
BOOT16
Control the width of memory accesses for Channel 0. The inverted value of boot signal
BOOT16* (ADDR[13] pin) is set in the 16Bus bit of ROM Channel Control Register 0.
0: 32-bit wide upon bootup. (When BOOT16*=1)
1: 16-bit wide upon bootup. (When BOOT16*=0)
BOOTAI
Specifies whether the ACK* signal for Channel 0 is internally or externally generated. The
inverted value of boot signal BAI* (ADDR[7] pin) is set in bit 12 of ROM Channel Control
Register 0.
0: Internal ACK mode upon bootup. (When BAI*=1)
1: External ACK mode upon bootup. (When BAI*=0)
BOOTBC
Controls whether the BWE[3:0] signals are used as byte enable signals (BE[3:0]) or byte write
enable signals (BWE[3:0]) when accessing a memory device on Channel 0. The value of boot
signal BBC (ADDR[6] pin) is set in the RBC bit of ROM Channel Control Register 0.
0: Used as byte enable signals. (When BBC=0)
1: Used as byte write enable signals. (When BBC=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com