Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 145 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 145 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 149Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 512 page
background image
Chapter 9 External Bus Controller
9-7
9.4.2
Global Options
In addition to those described in "9.4.1 Bootup Options," the ROMC provides the two options.
CHANHS
Specifies the SYSCLK output frequency. The inverted value of boot signal CHANHS*
(ADDR[15] pin) is set in the RHS bit of the Chip Configuration Register (CCFG).
0: Full speed (equal to the G-Bus frequency).
1: Half speed (half the G-Bus frequency). The half-speed option must be selected if at least
one channel is run at half speed.
ACEHOLD
Specifies the address hold time relative to the ACE* signal. This option is set by the ACEHOLD
bit of the Chip Configuration Register (CCFG).
0: Addresses are made available, coincident with the ACE* signal.
1: Addresses are made available one clock cycle after deassertion of the ACE* signal.
9.4.3
ROM Channel Control Registers
The ROM Channel Control Registers must be accessed using 32-bit reads and writes. There is no
priority among the channels. Care must be taken to ensure that more than one channel is not
programmed for to the same address region.
9.4.4
Clock Options
Each channel can be independently programmed to operate with a full-speed or half-speed clock.
When Channel 0 is used to control boot memory, SYSCLK is always generated at the frequency
specified for Channel 0, regardless of the value of CHANHS at boot time.
If both full- and half-speed clocks are necessary, set SYSCLK to half speed and use one of the
SDCLK outputs as a full-speed clock.
The following table shows how boot signals BME[1:0] and CHANHS affect the SYSCLK frequency.
BME[1]
BME[0]
CHANHS
SYSCLK
ROMC Channel 0
10
0
1/2
1/2
10
1
1/2
1/2
11
0
1/2
Full
Use ROMC Channel 0
for boot memory.
1
1
1
Full
Full
00
0
1/2
00
1
Full
01
0
1/2
Use SDRAMC Channel
0 for boot memory.
01
1
Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com