Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 149 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 149 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 153Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 512 page
background image
Chapter 9 External Bus Controller
9-11
9.4.9
ACK*/READY Signal Timing
9.4.9.1
ACK* Output Timing
The external device can use the ACK* signal as a timing reference for reads and writes when it
is an output.
During a read cycle, data is always latched on the rising edge of the clock after the assertion of
ACK*.
During a write cycle, data will remain valid for two clock cycles after ACK* is recognized as
asserted on the rising edge of the clock (i.e., one clock cycle after SWE* or BWE* is deasserted.
9.4.9.2
ACK* Input Timing
The ROMC internally synchronizes the ACK* signal when it is an input. Due to internal state
machine restrictions, ACK* cannot be recognized in back-to-back cycles. Once ACK* is
recognized, the earliest it can be recognized again is two clock cycles later for a read and four
clock cycles later for a write.
The timing at which the ROMC starts sampling ACK* differs between read and write cycles, as
shown below. ACK* is continuously sampled on the rising edge of the clock thereafter.
•
Read cycle
The first rising edge of the clock after OE* is asserted low
•
Write cycle
The rising edge of the clock where SWE* is asserted low
Figure 9.4.1 Timing for Starting Sampling ACK* During a Read Cycle
Figure 9.4.2 Timing for Starting Sampling ACK* During a Write Cycle
During a read cycle, data will be latched two clock cycles after the ACK* signal is recognized.
During a write cycle, data will remain valid for four clock cycles after ACK* is recognized as
asserted. (i.e., one clock cycle after SWE* or BWE* is deasserted).
SYSCLK/SDCLK
OE*
Start sampling ACK*
SYSCLK/SDCLK
SWE*
Start sampling ACK*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com