Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 150 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 150 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 154Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 512 page
background image
Chapter 9 External Bus Controller
9-12
9.4.10
READY Input Timing
When the ACK*/READY pin is configured as a READY input, the description of the ACK* input
timing in "9.4.9.2 ACK* Input Timing" also applies to the READY input, with two exceptions. First,
READY is active high while ACK* is active low. Secondly, in READY mode, wait states can be
inserted as specified by RPWT:RWT, so that the READY input is examined after the wait period
expires. For details, refer to "9.4.6.6 READY Submode."
The timing at which the ROMC starts sampling READY differs between read and write cycles, as
shown below. READY is continuously sampled on the rising edge of the clock thereafter.
•
Read cycle
(1) When the number of wait states is 0 (RPWT:RWT = 0)
The first rising edge of the clock after OE* is asserted low
(2) When the number of wait states is n, which is a non-zero value (RPWT:RWT != 0)
The nth rising edge of the clock after OE* is asserted low
•
Write cycle
(1) When the number of wait states is 0 (RPWT:RWT = 0)
The rising edge of the clock where SWE* is asserted low
(2) When the number of wait states is n, which is a non-zero value (RPWT:RWT != 0)
The (n-1)th rising edge of the clock after SWE* is asserted low
Figure 9.4.3 Timing for Starting the Sampling READY During a Read Cycle
Figure 9.4.4 Timing for Starting Sampling of READY During a Write Cycle
9.4.10.1 ACK*/READY Turnaround Timing
In ACK*/READY Static mode, the ACK*/READY pin is always an input. In ACK*/READY
Dynamic mode, the ACK*/READY pin is usually an output except when a channel is configured
for a submode that requires the pin to be an input. The ACK* pin goes into the high-impedance
state in the same clock cycle when the CE* signal is asserted. The ACK* signal is actively driven
again one clock cycle after CE* is deasserted.
SYSCLK/SDCLK
OE*
0 wait
states
2 wait
states
4 wait
states
6 wait
states
8 wait
states
SYSCLK/SDCLK
SWE*
0 wait
states
2 wait
states
4 wait
states
6 wait
states
8 wait
states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com