Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 151 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 151 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 154Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 155Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 512 page
background image
Chapter 9 External Bus Controller
9-13
9.4.11
Addressing
Using a 32-bit address internally, the TX3927 address space encompasses 4 Gbytes. Externally, the
TX3927 provides the multiplexed address output pins named ADDR[19:2].
In 32-bit bus mode, internal address bits [19:2] are directly routed to the ADDR[19:2] pins. The
upper address bits [29:20] are multiplexed over the ADDR[19:10] pins. In 32-bit bus mode the
maximum memory size is 1GB.
In 16-bit bus mode, internal address bit [1] is generated, based on the internal byte enable and
endianness, and routed to the ADDR[2] pin. Internal address bits [18:2] are directly routed to the
ADDR[19:3] pins. The upper internal address bits [28:19] are multiplexed over the ADDR[19:10] pins.
In 16-bit bus mode, the maximum memory size is 512MB.
Refer to "9.4.12 ACE* Operation" for mode on address multiplexing.
The following figures show the correspondence between the internal address bits (GAIN[31:0]) and
the externalized address pins (ADDR[19:2]):
1) 32-bit bus mode
Internal address (GAIN[31:0])
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
19
18
17
16
15
14
13
12
11
10
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
External address (ADDR[19:2])
2) 16-bit bus mode
Internal address (GAIN[31:0])
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
19
18
17
16
15
14
13
12
11
10
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
External address (ADDR[19:2])
9.4.12
ACE* Operation
The ACE* signal makes it possible to demultiplex the address on ADDR[19:2]. To generated a full
address, an external latch must be used to latch the first (upper) ten bits of the address signals using the
active-low ACE* (Address Clock Enable) signal together with the rising edge of the system clock
(SYSCLK). Alternatively, ACE* can be used directly as a latch enable signal.
After reset, the ACE* signal always goes active during the first clock cycle. In subsequent cycles, the
first ten bits of the new address are compared to those of the preceding address. If they do not match,
the upper address is output and ACE* is activated. In 32-bit bus mode, ACE* will never be active if the
RCS field is programmed for a channel size of 1 MB since the upper ten bits of the address do not
participate in address decoding. If the RCS field is programmed for 1-MB channel size in 16-bit bus
mode, ACE* will go active only when ADDR[20] is not used for address decoding for a chip select.
By default, the address is held stable one clock after the rising edge of ACE*. This hold time can be
eliminated by clearing the ACEHOLD bit of the Chip Configuration Register (CCFG). The hold-time
bit applies to all the channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com