Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 152 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 152 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 154Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 155Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 156Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 512 page
background image
Chapter 9 External Bus Controller
9-14
9.5
Timing Diagrams
Note the following, when referring to the timing diagrams in this section:
1.
SYSCLK/SDCLK in the timing diagrams indicates the state of SYSCLK or SDCLK[4:0]. SDCLK[4:0]
always operate at full speed, while SYSCLK can be used in either full-speed or half-speed mode. All
relevant signals are synchronous to the half or full speed clock, depending on the channel configuration.
2.
All timing diagrams show both the BWE* and BE* signals. Either one of those is mode available at any
given time from the BWE* pin, depending on the setting of the ROM Channel Control Register.
3.
All burst cycles shown start on page boundaries. This is true except when CWF (Critical Word First) is
enabled. The address order may be different in 4-word critical-word-first bursts.
4.
Wait states are indicated as SWx in the diagrams. Setup and hold states programmed by SHWT are
indicated as ASx (setup from address valid to CE falling), CSx (setup from CE falling to OE/SWE
falling), AHx (hold from CE rising to address change), and CHx (hold from OE/SWE rising to CE
rising). Synchronization states for external input signals are indicated as ESx. Address clock enable
states are indicated as ACEx. All other states are indicated as Sx. In cases where two states overlap the
non-Sx state is indicated.
5.
The ACK* pin can be an input or output in Dynamic mode. When switching from an output to input, it
enters the high-impedance state coincident with the assertion of CE*. The middle-level lines in the
diagrams represent the high-impedance state. When switching ACK* from an input to output, the
TX3927 starts driving ACK* one clock after CE* is deasserted. It should be noted that in the case of a
32-bit access to a 16-bit memory in External ACK* (READY) mode, CE* is deasserted between two
half-word accesses.
6.
External ACK* (READY) signal is shown as active for one clock cycle. External ACK* (READY)
may, however, remain active for more than one clock cycle as long as the following requirements are
satisfied:
•
In the case of External ACK* and READY single-transfer accesses, the ACK* pin may remain
active until the end of the cycle where CE* is deasserted.
•
Depending on the mode of the ACK* pin (Dynamic or Static), the external device must either drive
it high or tri-state it to meet the requirements described in Note 5 above.
•
In the case of External ACK* burst cycles, the external device may keep the signal active for up to
3 clock cycles for a read and up to 5 clock cycles for a write. If the signal remains active longer,
the TX3927 recognizes it as a next valid ACK*.
Note:
The ACK* (READY) pin has an internal pull-up resistor. However, because the
resistance is large, an external resistor can also be attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com