Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 148 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 148 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 152Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 512 page
background image
Chapter 9 External Bus Controller
9-10
9.4.7
16-Bit Data Bus Operation
A channel configured for a 16-bit data bus can access a byte or halfword data item in a single-
transfer cycle. The transfer of a word data item requires two bus cycles. A burst request to a 16-bit
channel always causes two 16-bit accesses to be performed, regardless of the requested data size
(byte, halfword or any combinations of non-word data size)
The maximum memory size that can be assigned to a channel in 16-bit bus mode is 512MB, not
1GB.
9.4.8
SHWT Option
The SHWT option is selected when the RSHWT field is set to a non-zero value. This option
uniformly extends the setup and hold times listed below to support slow I/O devices.
Setup: ADDR to CE, CE to OE, and CE to BWE/BE.
Hold: CE to ADDR, OE to CE, and BWE/BE to CE.
When this option is enabled for a channel, that channel will have an equal, requirement for all of the
above setup/hold times, each setup or hold property cannot be programmed separately.
The SHWT option cannot be used in Page mode. All the other modes support the SHWT option, but
it makes burst accesses unusable.
The TX3927 executes burst accesses for the following cases. The RSHWT field should be set to "0"
if any burst accesses can occur for a relevant memory channel.
(1) TX3927 instruction fetches
(2) Cache write-back when the data cache employs a write-back mode
(3) DMA access with a transfer size (XFSZ) of 4 or more words, unless the DBINH or SBINH field of
the Channel Control Register (CCR) is programmed prohibit burst accesses for the relevant
memory
(4) The following accesses from an external PCI master when the TBL_OFIFO or TBL_IFIFO field of
the PCI Target Burst Length Register (TBL) is programmed with a size larger than one
doubleword.
a) Read (including a single read)
b) Burst write exceeding the specified size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com