Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 512 page
background image
Chapter 9 External Bus Controller
9-9
In this mode, the ACK*/READY pin is used as the ACK* output. The RPWT and RWT fields
together specify the number of wait states to be taken by each transfer. Since RPWT:RWT=0x3f
results in External ACK* mode, the number of wait states on Normal-mode transfers can be
between 0 and 62, inclusive.
9.4.6.4
External ACK* Submode
A channel is configured for this mode when the associated ROM Channel Control Register is
programmed as follows:
RPM = 00
RDY = 0
RPWT:RWT = 0x3f
In this mode, the ACK*/READY pin is used as an ACK* input, and the external device must
issue the ACK* signal to terminate a memory cycle. The ROMC internally synchronize the ACK*
signal. For details, refer to "9.4.9.2 ACK* Input Timing."
9.4.6.5
Page Submode
A channel is configured for this mode when the associated ROM Channel Control Register is
programmed as follws:
RPM != 00
RDY = 0
In this mode, the ACK*/READY pin is used as an ACK* output. The RPWT and RWT fields
specify the number of wait states to be taken. In particular, this mode conforms to the
requirements for page-mode ROMs. The 4-bit RWT field specifies the number of wait states (0 to
15) to be taken by all single-transfers and the first transfer of a burst. The 2-bit RPWT field
specifies the number of wait states (0 to 3) to be taken by accesses beyond the first during a burst
transfer.
The RPM field controls the page-mode burst size. If it is less than the CPU burst size, multiple
page-mode burst cycles will be used. In this case, the wait states specified in the 4-bit RWT field
are inserted for each burst cycle. In Page mode, the number of wait states specified by the RWT
field should be greater than or equal to that specified by the RPWT field.
9.4.6.6
READY Submode
A channel is configured for this mode when the associated ROM Channel Contorl Reigster is
programmed as follows:
RPM = 00
RDY = 1
In this mode, the ACK*/READY pin is used as a READY input, and the external device must
issue the READY signal to terminate a memory cycle. The ROMC internally synchronize the
READY signal. For details, refer to "9.4.10 READY Input Timing."
The TX3927 examines the READY input after the wait period programmed in RPWT:RWT
expires. RWT[0] is used to select either ACK*/READY Static or Dynamic mode; hence it does
not participate in determining the number of wait states. Therefore, possible wait state counts for
READY mode are 0, 2, 4, 6, ... 62.
Burst accesses are dis allowed in READY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com