Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 143 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 143 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 512 page
background image
Chapter 9 External Bus Controller
9-5
Bits
Mnemonic
Field Name
Description
11:8
RCS
Channel Size
ROM Control Channel Size (initial value: 0010 for Channel 0 and 0000 for Channels
1 to 7)
Specifies the memory size the channel can access, beginning with the base a
assress set in the RBA field.
0000: 1 Mbyte
0101: 32 Mbytes
*1010: 1 Gbyte
0001: 2 Mbytes
0110: 64 Mbytes
1011-1111: Reserved
0010: 4 Mbytes
0111: 128 Mbytes
0011: 8 Mbytes
1000: 256 Mbytes
0100: 16 Mbytes
1001: 512 Mbytes
* When the memory bus width is 16 bits, the maximum memory size for a channel is
512 Mbytes, not 1G byte.
7
16BUS
Bus Width
ROM Control 16-Bit Width Bus Width (initial value: B16 value for Channel 0 and 0
for Channels 1 to 7)
Controls the width of memory accesses for the channel.
0: 32-bit bus
1: 16-bit bus
Note: This bit for channel 0 is set with the inverted value of boot signal BOOT16*
(ADDR[13] pin).
6RDY
Ready Input
Active
ROM Control Ready Input Active (initial value: 0)
Selects the memory access mode: ACK or READY.
0: Disables READY mode. (ACK mode)
1: Enables READY mode. (READY mode)
In READY mode, the RPM0 field must be set to 0.
5
RBC
Byte Control
ROM Byte Control (initial value: BBC value for Channel 0 and 0 for Channels 1 to 7)
Specifies whether to use the BWE[3:0] signals as byte write enable signals
(BWE[3:0]) which become active only for write cycles or as byte enable signals
which become active for both read and write cycles.
0: Byte enable (BE[3:0])
1: Byte write enable (BWE[3:0])
Note: This bit for Channel 0 is set with the value of boot signal BBC (ADDR[6] pin).
4
RHS
Half Speed Bus
ROM Control Half-Speed Bus (initial value: BME0 value for Channel 0 and 0 for
Channels 1 to 7)
Controls the frequency at which the bus runs with respect to the G-Bus clock.
For half-speed bus accesses, the ADDR, ACK*, CE* and OE* signals might be
delayed by half a cycle with respect to the half-speed reference clock. For details,
see Section 19.9.
0: Full speed
1: Half speed
Note: This bit for Channel 0 is set with the inverted value of boot signal BME[0]
(ADDR[8] pin).
3
RME
Master Enable
ROM Control Master Enable (initial value: BME1 value for Channel 0 and 0 for
Channels 1 to 7)
Enables or disables the channel.
0: Disable the channel.
1: Enable the channel.
Note: This bit for Channel 0 is set with the inverted value of boot signal BME[1]
(ADDR[9] pin).
2:0
RSHWT
Setup/Hold Wait
Time
ROM Control Setup/Hold Wait Time (initial value: 000)
Specifies the chip-enable turn-on delay, which is when the chip enable signal should
be asserted relative to the address, and the write-enable/output-enable turn-on
delay, which is when the write enable or output enable signal should be asserted
relative to the chip enable signal.
*000: Disabled
100: 4 wait states
001: 1 wait states
101: 5 wait states
010: 2 wait states
110: 6 wait states
011: 3 wait states
111: 7 wait states
* This bit should be set to 0 for burst accesses and page mode.
Figure 9.3.2 ROM Channel Control Registers (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com