Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 512 page
background image
Chapter 9 External Bus Controller
9-8
9.4.5
Base Address and Channel Size
The base address of a channel must be aligned on a boundary that is an integer multiple of the
selected size. For example, a 64-Mbyte channel size must begin on a 64-Mbyte boundary. When the size
of a channel is programmed to 64 Mbytes, the lower six bits of the base address (RBA) field, or bits 25
to 20 of its ROM Channel Control Register, are ignored. (The minimum resolution of channel size is 1
Mbyte.) If the base address (RBA) filed is inadvertently programmed as 0x150 with a size of 64
Mbytes, then the actual base address becomes 0x140, as shown below. This results in the assignment of
addresses 0x9400_0000 to 0x97ff_ffff (or 0xb400_0000 to 0xb7ff_ffff) to this channel.
RBA Value
000101010000
Ignored when the channel size is programmed to 64 Mbytes
9.4.6
Operating Modes
The ROMC provides two major operating modes, ACK*/READY static and ACK*/READY
Dynamic. The function of the ACK*/READY pin depends on the mode of operation selected for the
ROMC channels. In Static mode, the ACK*/READY pin is always an input. In Dynamic mode, the
ACK*READY pin is dynamically configured as input or output, depending on which channel is
accessed and how that channel is programmed. There are four submodes, Normal, Page, External
ACK*, and READY, each separately selectable on a per channel basis.
9.4.6.1
ACK*/READY Dynamic Mode
The ROMC is configured for this mode when no channel is programmed with RDY=1 and
RWT[0]=1.
In this mode, the ACK*/READY pin is automatically used either as input or output on a per
channel basis. When a channel is programmed for Normal or Page submode, the ACK*/READY
pin acts as an output (and uses the internally generated ACK*) whenever that channel is accessed.
When a channel is programmed for External ACK* or READY submode, the ACK*/READY pin
acts as an input whenever that channel is accessed. Refer to the timing diagrams to prevent signal
conflicts when the pin changes its direction.
9.4.6.2
ACK*/READY Static Mode
The ROMC is configured for this mode when any one of the channels is programmed with
RDY=1 and RWT[0]=1.
In this mode, the ACK*/READY pin is always an input. Thus, even when a channel is
programmed for Normal or Page submode, the internal ACK* signal is not made visible
externally. For this reason, in cases where any channel usage causes the ROMC to be configured
for ACK*/READY Static mode, the ACK*/READY pin must be connected to a device with an
open-drain node.
9.4.6.3
Normal Submode
A channel is configured for this mode when the associated ROM Channel Control Register is
programmed as follow:
RPM = 00
RDY = 0
RPWT:RWT != 0x3f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com