Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 450 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 450 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 446Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 447Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 449Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 454Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 552 page
background image
Chapter 15 Interrupt Controller
15-4
15.3 Detailed Explanation
15.3.1 Interrupt sources
The TX4937 has as interrupt sources interrupts from 18 types of on-chip peripheral circuits and 6
external interrupt signals.
Table 15.3.1 lists the interrupt sources. Signals with the lower interrupt number have the higher
priority. The priorities are explained below in item. 15.3.4
The interrupt number 5 is shared between INT[3] and ETHERC1. When ETHERC1 is used, an
interrupt is noticed from ETHERC1 to the IRC interrupt number 5 internal of a chip. The external pin
INT[3] is used when ETHERC1 is used for the purpose other than an interrupt. This is the same as for
the interrupt number 6. Refer to “3.3 Pin multiplexed” for muliplexed pins.
Table 15.3.1 Interrupt Sources and Priorities
Priority
Interrupt
Number
Interrupt Source
High
0
SDRAM ECC Error (Internal)
1
TX49 Write Timeout Error (Internal)
2
INT[0] (External)
3
INT[1] (External)
4
INT[2] (External)
5
INT[3] (External) / ETHERC1 (Internal)
6
INT[4] (External) / ETHERC0 (Internal)
7
INT[5] (External)
8
SIO0 (Internal)
9
SIO1 (Internal)
10
DMA0[0] (Internal)
11
DMA0[1] (Internal)
12
DMA0[2] (Internal)
13
DMA0[3] (Internal)
14
IRC (Internal)
15
PDMAC0 (Internal)
16
PCIC0 (Internal)
17
TMR0 (Internal)
18
TMR1 (Internal)
19
TMR2 (Internal)
20
(Reserved)
21
NDFMC (Internal)
22
PCIERR (Internal)
23
PCIPMC (Internal)
24
ACLC (Internal)
25
ACLCPME (Internal)
26
PCIC1INT (Internal)
27
DMAC1[0] (Internal)
28
DMAC1[1] (Internal)
29
DMAC1[2] (Internal)
30
DMAC1[3] (Internal)
Low
31
SPI (Internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com