Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 454 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 454 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 458Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 552 page
background image
Chapter 15 Interrupt Controller
15-8
15.3.7 Interrupt requests
It is possible to make interrupt requests to external devices and interrupt requests (IRC interrupts) to
the TX49/H3 core by using a 16-bit interrupt request flag register. REQ[1]* signals are used as interrupt
output signals. Consequently, external interrupt requests can only be used when in the PCI External
Arbiter mode. Also, internal interrupt requests are assigned to interrupt number 13 of the Interrupt
Controller (IRC).
The following six registers set the interrupts.
•
Interrupt Request Flag Register (IRFLAG0, IRFLAG1)
•
Interrupt Request Polarity Control Register (IRPOL)
•
Interrupt Request Mask Register (IRMASKINT, IRMASKEXT)
•
Interrupt Request Control Register (IRRCNT)
The following formulas derive the interrupt generation conditions:
Internal interrupt request =
(|((IRFLAG[15:0] ^ IRPOL[15:0]) & IRMASKINT[15:0]))^ IRRCNT.INTPOL
External interrupt request =
(|((IRFLAG[15:0] ^ IRPOL[15:0] ) & IRMASKEXT[15:0]))^ IRRCNT.EXTPOL
In the above formulas, “^” indicates Exclusive OR operations and “|” indicates reduction operators
that perform an OR operation on all bits.
Also, the External Interrupt OD Control bit (IRRCNT.OD) of the Interrupt Request Control Register
can select whether the external interrupt supply signal is open drain output or totem pole output.
Figure 15.3.1 External Interrupt Request Logic
IRFLAG[15]
IRPOL[15]
IRMASK[15]
IRRCNT.EXTPOL
Internal Interrupt
Request
(0: Request present)
External Interrupt Request
IRRCNT.INTPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com