Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 451 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 451 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 447Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 449Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 455Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 552 page
background image
Chapter 15 Interrupt Controller
15-5
In addition to the above, the TX49/H3 core has a TX49/H3 core internal timer interrupt and two
software interrupts, but these interrupts are directly reported to the TX49/H3 core independently of this
Interrupt Controller. Please refer to the “64-bit TX System RISC TX49/H2, TX49/H3, TX49/H4 Core
Architecture” for more information.
15.3.2 Interrupt request detection
In order to perform interrupt detection, each register of the Interrupt Controller is initialized, then the
IDE bit of the Interrupt Detection Enable Register (IRDEN) is set to “1.” All interrupts detected by the
Interrupt Controller are masked when this bit is cleared.
It is possible to set each interrupt factor detection mode using Interrupt Detection Mode Register 0
(IRDM0) and Interrupt Detection Mode Register 1 (IRDM1). There are four detection modes: Low
level, High level, falling edge, and rising edge.
The detected interrupt factors can be read out from the Interrupt Pending Register (IRPND).
15.3.3 Interrupt level assigning
Interrupt levels from 0 to 7 are assigned to each detected interrupt using the Interrupt Level Register
(IRLVL0-7). Interrupt level 7 is the highest priority and interrupt level1 is the lowest priority. Level 0
interrupts will be masked. (Table 15.3.2).
The priorities set by these interrupt levels will be given higher priority than the priorities provided
for each interrupt source indicated in Table 15.3.1.
Table 15.3.2 Interrupt Levels
Priority
Interrupt Level
(IRLVLn.ILm)
High
111
110
101
100
011
010
Low
001
Mask
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com