Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 455 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 455 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 458Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 459Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 552 page
background image
Chapter 15 Interrupt Controller
15-9
There are two flag registers: Flag Register 0 (IRFLAG0), and Flag Register 1 (IRFLAG1). These
registers have two different Write methods. Accordingly, Writes to one register are reflects in the other.
Either “0” or “1” can be written to Flag Register 0
In the case of Flag Register 1 however, “1” can be written from the TX49/H3 core, but “0” cannot be
written. On the other hand, bits that wrote “1” are cleared to “0” in the case of access from a device
other than the TX49/H3 core (access from an external PCI device for example). The bit value at this
time will not change even if “0” is written. This register sends interrupt notification from the TX49/H3
core to external devices. External devices can be used in applications that clear these interrupt
notifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com