Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 453 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 453 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 449Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 457Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 552 page
background image
Chapter 15 Interrupt Controller
15-7
15.3.5 Interrupt notification
When the interrupt with the highest priority is selected, then the interrupt factor is reported to the
Interrupt Current Status Register (IRCS) and an interrupt is reported to the TX49/H3 core.
The TX49/H3 core distinguishes interrupt factors using the IP field (IP[7:2]) of the Cause Register.
The interrupt notification from the Interrupt Controller is reflected in the IP[2] bit. The Interrupt
Handler uses the IP[2] bit to judge whether or not there are interrupts from this Interrupt Controller and
uses the Interrupt Current Status Register (IRCS) to determine the interrupt cause.
The Interrupt Factor field (IRCS.CAUSE) value is reflected in the remaining bits of the IP field.
Since bit IP[7] is also being used for notification of TX49/H3 CPU core internal timer interrupts, the
contents specified by IP[7] differ according to whether internal timer interrupts are set to valid
(TINTDIS=0) or invalid (TINTDIS=1), as indicated Table 15.3.3.
TINTDIS is the value that is set from DATA[7] at the timing when the RESET* signal is deasserted.
See the explanation “3.3 Configuration Signals” for more information.
Table 15.3.3 Interrupt Notification to IP[7:2] of the CP0 Cause Register
TINTDIS
IP[7]
IP[6:3]
IP[2]
0
(Internal Timer Interrupts: Valid)
Internal Timer
Interrupt Notification
IRCS.CAUSE[3:0]
IRCS.IF
1
(Internal Timer Interrupts: Invalid)
IRCS.CAUSE[4:0]
IRCS.IF
15.3.6 Clearing interrupt requests
Interrupt requests are cleared according to the following process.
•
When the detection mode is set to the High level or Low level:
Operation is performed to deassert the request of a source that is asserting an interrupt request.
•
When the detection mode is set to Rising edge or Falling edge
Edge detection requests are cleared by first specifying the interrupt source of the interrupt request
to be cleared in the Edge Detection Clear Source field (EDCS0 or EDCS1) of the Interrupt Edge
Detection Clear Register (IREDC) then writing the resulting value when the corresponding Edge
Detection Clear Enable bit (EDCE0 or EDCE1) is set to “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com