Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 394 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 394 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 390Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 391Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 392Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 393Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 394Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 395Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 396Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 398Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 716 page
background image
Chapter 11 Serial I/O Port
11-16
Bit
Mnemonic
Field Name
Description
Read/Write
5:0
STIE
Status Change
Interrupt Enable
Status Change Interrupt Enable (Default: 0x00)
This field sets the set conditions of the Status Change bit (STIS) of the
DMA/Interrupt Status Register (SIDISR). The condition is selected
depending on which bit of the Status Change Interrupt Status Register
(SISCISR) is set. (Multiple selections are possible.)
An SIO interrupt is asserted when STIC is “1”.
000000: Do not detect status changes.
1*****: Set “1” to STIS when the Overrun bit (OERS) is “1”.
*1****: Set “1” to STIS when a change occurs in a condition set by the
CTSS Active Condition field (CTSAC) in the CTS Status bit
(CTSS).
**1***: Set “1” to STIS when the Break bit (RBRKD) becomes “1”.
***1**: Set “1” to STIS when the Transmit Data Empty bit (TRDY) becomes
“1”.
****1*: Set “1” to STIS when the Transmission Complete bit (TXALS)
becomes “1”.
*****1: Set “1” to STIS when the Break Detection bit (UBRKD) becomes
“1”.
R/W
Figure 11.4.2 DMA/Interrupt Control Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com