Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 397 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 397 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 393Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 394Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 395Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 396Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 398Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 399Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 400Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 401Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 716 page
background image
Chapter 11 Serial I/O Port
11-19
11.4.4 Status Change Interrupt Status Register 0 (SISCISR0)
0xF30C (Ch. 0)
Status Change Interrupt Status Register 1 (SISCISR1)
0xF40C (Ch. 1)
31
16
Reserved
: Type
: Initial value
15
6
5
4
3
2
1
0
Reserved
OERS CTSS RBRKD TRDY TXALS UBRKD
R/W0C
R
R
R
R
R/W0C : Type
0
0
0
1
1
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:6
⎯
Reserved
⎯
⎯
5
OERS
Overrun Error
Overrun Error Status (Default: 0)
This bit is immediately set to “1” when an overrun error is detected. This bit
is cleared when a “0” is written.
R/W0C
4
CTSS
CTS Status
CTS Terminal Status (Default: 0)
This field indicates the status of the CTS signal.
1: The CTS signal is High.
0: The CTS signal is Low.
R
3
RBRKD
Receiving Break
Receive Break (Default: 0)
This bit is set when a break is detected. This bit is automatically cleared
when a frame that is not a break is received.
1: Current status is Break.
0: Current status is not Break.
R
2
TRDY
Transmission
Data Empty
Transmit Ready (Default: 1)
This bit is set to “1” if at least one stage in the Transmit FIFO is free.
R
1
TXALS
Transmission
Complete
Transmit All Sent (Default: 1)
This bit is set to “1” if the Transmit FIFO and all transmission shift registers
are empty.
R
0
UBRKD
Break Detected
UART Break Detect (Default: 0)
This bit is set when a break is detected. Once set, this bit remains set until
cleared by writing a “0” to it.
R/W0C
Figure 11.4.4 Status Change Interrupt Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com