Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 399 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 399 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 395Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 396Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 398Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 399Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 400Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 402Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 403Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 716 page
background image
Chapter 11 Serial I/O Port
11-21
11.4.6 Flow Control Register 0 (SIFLCR0)
0xF314 (Ch. 0)
Flow Control Register 1 (SIFLCR1)
0xF414 (Ch. 1)
31
16
Reserved
: Type
: Initial value
15
13
12
11
10
9
8
7
6
5
4
1
0
Reserved
RCS
TES Reserved RTSSC RSDE TSDE
Reserved
RTSTL
TBRK
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
0
0
1
1
0001
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:13
Reserved
⎯
12
RCS
RTS Signal
Control Select
RTS Control Select (Default: 0)
This field sets the reception flow control using RTS output signals.
0: Disable flow control using RTS signals.
1: Enable flow control using RTS signals.
R/W
11
TES
CTS Signal
Control Select
CTS Control Select (Default: 0)
This field sets the transmission flow control using CTS input signals.
0: Disable flow control using CTS signals.
1: Enable flow control using CTS signals.
R/W
10
Reserved
⎯
9
RTSSC
RTS Software
Control
RTS Software Control (Default: 0)
This register is used for software control of RTS output signals.
0: Set the RTS signal to Low (can receive data).
1: Sets the RTS signal to High (transmission pause request)
R/W
8
RSDE
Serial Data
Reception
Disable
Receive Serial Data Disable (Default: 1)
This is the Serial Data Disable bit. When this bit is cleared, data reception
starts after the start bit is detected. The RTS signal will not become High
even if this bit is cleared.
0: Enable (can receive data)
1: Disable (halt reception)
R/W
7
TSDE
Serial Data
Transmit Disable
Transmit Serial Data Disable (Default: 1)
This is the Serial Data Transmission Disable bit. When this bit is cleared,
data transmission starts. When set, transmission stops after completing
transmission of the current frame.
0: Enable (can transmit data)
1: Disable (halt transmission)
R/W
6:5
Reserved
⎯
4:1
RTSTL
RTS Active
Trigger Level
RTS Trigger Level (Default: 0001)
The RTS hardware control assert level is set by the reception data stage
count of the Receive FIFO.
0000: Disable setting
0001: 1
:
1111: 15
R/W
0
TBRK
Break
Transmission
Break Transmit (Default: 0)
Transmits a break. The TXD signal is Low while TBRK is set to “1”.
0: Disable (clear break)
1: Enable (transmit break)
R/W
Figure 11.4.6 Flow Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com