Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 400 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 400 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 396Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 398Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 399Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 400Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 402Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 403Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 404Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 716 page
background image
Chapter 11 Serial I/O Port
11-22
11.4.7 Baud Rate Control Register 0 (SIBGR0)
0xF318 (Ch. 0)
Baud Rate Control Register 1 (SIBGR1)
0xF418 (Ch. 1)
These registers select the clock that is provided to the baud rate generator and set the divide value.
31
16
Reserved
: Type
: Initial value
15
10
9
8
7
0
Reserved
BCLK
BRD
R/W
R/W
: Type
11
0xFF
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:10
Reserved
⎯
9:8
BCLK
Baud Rate
Generator Clock
Baud Rate Generator Clock (Default: 11)
This field sets the input clock for the baud rate generator.
00: Select prescalar output T0 (fc/2)
01: Select prescalar output T2 (fc/8)
10: Select prescalar output T4 (fc/32)
11: Select prescalar output T6 (fc/128)
R/W
7:0
BRD
Baud Rate Divide
Value
Baud Rate Divide Value (Default: 0xFF)
This field set divide value BRG of the baud rate generator. This value is
expressed as a binary value.
R/W
Figure 11.4.7 Baud Rate Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com