Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 398 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 398 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 394Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 395Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 396Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 398Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 399Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 400Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 402Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 716 page
background image
Chapter 11 Serial I/O Port
11-20
11.4.5 FIFO Control Register 0 (SIFCR0)
0xF310 (Ch. 0)
FIFO Control Register 1 (SIFCR1)
0xF410 (Ch. 1)
These registers set control of the Transmit/Receive FIFO buffer.
31
16
Reserved
: Type
: Initial value
15
14
9
8
7
6
5
4
3
2
1
0
SWRST
Reserved
RDIL
Reserved
TDIL
TFRST RFRST FRSTE
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
00
00
0
0
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:16
⎯
Reserved
⎯
⎯
15
SWRST
Software Reset
Software Reset (Default: 0)
This field performs SIO resets except for the FIFOs. Setting this bit to “1”
initiates the reset. Set registers are also initialized. This bit returns to “0”
when initialization is complete.
0: Normal operation
1: SIO software reset
R/W
14:9
⎯
Reserved
⎯
⎯
8:7
RDIL
Receive FIFO
Request Trigger
Level
Receive FIFO DMA/Interrupt Trigger Level (Default: 00)
This register sets the level for reception data transfer from the Receive
FIFO.
00: 1 Byte
01: 4 Bytes
10: 8 Bytes
11: 12 Bytes
R/W
6:5
⎯
Reserved
⎯
⎯
4:3
TDIL
Transmit FIFO
Request Trigger
Level
Transmit FIFO DMA/Interrupt Trigger Level (Default: 00)
This register sets the level for transmission data transfer to the Transmit
FIFO.
00: 1 Byte
01: 4 Bytes
10: 8 Bytes
11: Setting disabled
R/W
2
TFRST
Transmit FIFO
Reset
Transmit FIFO Reset (Default: 0)
The Transmit FIFO buffer is reset when this bit is set. This bit is valid when
the FIFO Reset Enable bit (FRSTE) is set. Cancel reset by using the
software to clear this bit.
0: During operation
1: Reset Transmit FIFO
R/W
1
RFRST
Receive FIFO
Reset
Receive FIFO Reset (Default: 0)
The Receive FIFO buffer is reset when this bit is set. This bit is valid when
the FIFO Reset Enable bit (FRSTE) is set. Cancel reset by using the
software to clear this bit.
0: During operation
1: Reset Receive FIFO
R/W
0
FRSTE
FIFO Reset
Enable
FIFO Reset Enable (Default: 0)
This field is the Reset Enable for the Transmit/Receive FIFO buffer. The
FIFO is reset by combining the Transmit FIFO Reset bit (TFRST) and
Receive FIFO Reset bit (RFRST).
0: During operation
1: Reset Enable
R/W
Figure 11.4.5 FIFO Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com