Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 59 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 59 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 55Page - Qorvo, Inc ACT72350 Datasheet HTML 56Page - Qorvo, Inc ACT72350 Datasheet HTML 57Page - Qorvo, Inc ACT72350 Datasheet HTML 58Page - Qorvo, Inc ACT72350 Datasheet HTML 59Page - Qorvo, Inc ACT72350 Datasheet HTML 60Page - Qorvo, Inc ACT72350 Datasheet HTML 61Page - Qorvo, Inc ACT72350 Datasheet HTML 62Page - Qorvo, Inc ACT72350 Datasheet HTML 63Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
59 of 97
www.qorvo.com
®
12.17.9 SOC.CFGAIO8
Register 12-9 SOC.CFGAIO8 (AIO8 Configuration, 0Eh)
BIT
IO MODE
GAIN MODE (PGA)
COMPARATOR MODE
SPECIAL MODE (PHC)
7:6
MODE8: 00b
MODE8: 01b
MODE8: 10b
Reserved, write to 0b.
5
OPT8: AI8/AO8 IO Option:
00b: Input
01b: Hi-Z
10b: Open-drain output
11b: Hi-Z
GAIN8: AIO8 Amplifier
gain setting:
000b: Gain amplifier
bypass, direct mode
001b: 1x
010b: 2x
011b: 4x
100b: 8x
101b: 16x
110b: 32x
111b: 48x
OPT8: AI8 Comparator Reference
select:
00b: VTHREF
01b: AB1
10b: AB2
11b: AB3
Reserved, write to 0b.
4
Reserved, write to 0b.
3
POL8: AI8/AO8 Polarity
Setting:
00b: active-high
01b: active-low
POL8: AO8 Comparator polarity
setting:
0b: active-high
1b: active-low
POL8: AO8 Comparator polarity
setting:
0b: active-high
1b: active-low
2:0
MUX8: AI8 Digital MUX:
000b: DOUT8
001b: DB1
010b: DB2
011b: DB3
100b: DB4
101b: DB5
110b: DB6
111b: DB7
MUX8: AO8 Analog
MUX:
000b: AB8
001b: AB1
010b: AB2
011b: AB3
100b: AB4
101b: AB5
110b: AB6
111b: AB7
MUX8: AO8 Digital MUX:
000b: DOUT8
001b: DB1
010b: DB2
011b: DB3
100b: DB4
101b: DB5
110b: DB6
111b: DB7
Reserved, write as 000b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com