Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 43 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 43 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 39Page - Qorvo, Inc ACT72350 Datasheet HTML 40Page - Qorvo, Inc ACT72350 Datasheet HTML 41Page - Qorvo, Inc ACT72350 Datasheet HTML 42Page - Qorvo, Inc ACT72350 Datasheet HTML 43Page - Qorvo, Inc ACT72350 Datasheet HTML 44Page - Qorvo, Inc ACT72350 Datasheet HTML 45Page - Qorvo, Inc ACT72350 Datasheet HTML 46Page - Qorvo, Inc ACT72350 Datasheet HTML 47Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
43 of 97
www.qorvo.com
®
12.8
Protection Comparator (PCMP)
Two protection comparators are provided in association with each differential programmable gain
amplifier, with outputs available to trigger protection events and accessible as read-back output bits. The
HP comparator compares the amplifier output to the 10-bit HP DAC output voltage, with full scale voltage
of 2.5V. The limit protection (LP) comparator compares the differential programmable gain amplifier
output to the 10-bit LP DAC output voltage, with full scale voltage of 2.5V.
Each protection comparator has a mask bit to prevent or allow it to assert the nFAULT output. Each
protection comparator also has one mask bit to prevent or allow it to activate protection event PR. These
two protection events can be used directly by protection circuitry in the Application Specific Power Drivers
(ASPD) to protect devices being driven.
12.9
Analog Output Buffer (BUF)
A subset of the signals from the configurable analog signal matrix CASM can be multiplexed to the BUF6
pin for external use. The buffer offset voltage can be minimized with the built-in swap function.
12.10 Analog Front End I/O (AIO)
The ACT72350 has 10 AIx pins and 7 AOx pins that are available as digital IO resource. In the analog
front end I/O mode, the aforementioned pins can be configured to be a digital input (AIx pins) or digital
open-drain output (AOx pins).
The AIx inputs signal logical state can be sampled from the SOC.DINSIG0 and DINSIG1 registers. Input
changes (rising edge or falling edge) on AI[9:6] can be logged within the SOC.SIGINTF register. Rising or
falling edge logging can be selected on a per digital input on AI[9:6] at the SOC.SIGINTM register.
The digital output signal logical state can be set to active high (default) or active low, with pull up to VSYS
supply rail. Digital output state can be set within the SOC.DOUTSIG register.
12.11 Push Button (PBTN)
The push button PBTN, when enabled, can be used by the MCU to detect a user active-low push button
event and to put the system into an ultra-low-power hibernate mode. Once the system is in hibernate
mode, PBTN can be used to wake up the system.
In addition, PBTN can also be used as a hardware reset for the microcontroller when it is held low for
longer than 8s during normal operation. The PBTN input is active low and has a 55kΩ pull-up resistor to
3V.
12.12 HP DAC and LP DAC
The 10-bit HP DAC can be used as the comparison voltage for the high-speed protection (HP)
comparators, or routed for general purpose use via the AB2 signal in the CASM. The HP DAC output full
scale voltage is 2.5V.
The 10-bit LP DAC can be used as the comparison voltage for the limit protection (LP) comparators, or
routed for general purpose use via the AB3 signal in the CASM. The LP DAC output full scale voltage is
2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com